Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR605 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # FR605
Description  6 Amp Fast Recovery Rectifier 50 to 1000 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

FR605 Datasheet(HTML) 1 Page - Micro Commercial Components

  FR605 Datasheet HTML 1Page - Micro Commercial Components FR605 Datasheet HTML 2Page - Micro Commercial Components FR605 Datasheet HTML 3Page - Micro Commercial Components FR605 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FR601
THRU
FR607
6 Amp Fast Recovery
Rectifier
50 to 1000 Volts
Features
Maximum Ratings
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
FR601
50V
35V
50V
FR602
100V
70V
100V
FR603
200V
140V
200V
FR604
400V
280V
400V
FR605
600V
420V
600V
FR606
800V
560V
800V
FR607
1000V
700V
1000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
6 A
TA = 55
°C
Peak Forward Surge
Current
IFSM
300A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.3V
IFM = 6.0A;
TA = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
150
µA
TA = 25
°C
TA = 55
°C
Maximum Reverse
Recovery Time
FR601-604
FR605
FR606-607
Trr
150ns
250ns
500ns
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
CJ
150pF
Measured at
1.0MHz, VR=4.0V
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 1%
R-6
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.340
.360
8.60
9.10
B
.340
.360
8.60
9.10
C
.048
.052
1.20
1.30
D
1.000
---
25.40
---
A
B
D
D
C
Cathode
Mark
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
M C C
Revision: 5
2009/02/25
TM
Micro Commercial Components
FR601
FR602
FR607
FR603
FR605
FR604
FR606
www.mccsemi.com
1 of 4
Low Forward Voltage Drop
High Current Capability
Fast Switching Speed For High Efficiency
Case Material:Molded Plastic. UL Flammability
Classification Rating 94V-0 and MSL Rating 1
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Notes: 1.
High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7.


Similar Part No. - FR605

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR605 WTE-FR605 Datasheet
51Kb / 3P
   6.0A FAST RECOVERY RECTIFIER
logo
Micro Commercial Compon...
FR605 MCC-FR605 Datasheet
271Kb / 4P
   6 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Taiwan Semiconductor Co...
FR605 TSC-FR605 Datasheet
261Kb / 2P
   6.0 AMPS. Fast Recovery Rectifiers
logo
Formosa MS
FR605 FORMOSA-FR605 Datasheet
101Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
logo
RFE international
FR605 RFE-FR605 Datasheet
95Kb / 1P
   LEADED (THRU-HOLE) General Purpose & Fast Recovery Rectifiers
More results

Similar Description - FR605

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
FR601-R-6 YFWDIODE-FR601-R-6 Datasheet
397Kb / 3P
   6 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR601 YFWDIODE-FR601 Datasheet
95Kb / 3P
   6 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
MR750FR MCC-MR750FR Datasheet
84Kb / 3P
   6 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR601 MCC-FR601 Datasheet
79Kb / 3P
   6 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR601 MCC-FR601_11 Datasheet
239Kb / 4P
   6 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR6A MCC-FR6A_08 Datasheet
444Kb / 5P
   6 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR6A MCC-FR6A Datasheet
353Kb / 3P
   6 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR601 MCC-FR601_13 Datasheet
271Kb / 4P
   6 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR601GP MCC-FR601GP_15 Datasheet
683Kb / 4P
   6 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR601GP MCC-FR601GP Datasheet
79Kb / 3P
   6 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com