Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRMS201A Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # MRMS201A
Description  AMR Sensors (Magnetic Switches)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MRMS201A Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  MRMS201A Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. MRMS201A Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. MRMS201A Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. MRMS201A Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. MRMS201A Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
c Product Code System
c Caution for Use
1. Handling
• This product may be degraded by electrostatic discharge.
It is necessary to take anti-static precautions when
handling.
2. Design
• Please evaluate this product for the magnet-variation
of the magnet used along with this product, otherwise
this product may result in the miss-operation or the non-
operation.
• Sensor miss-operation or non-operation may occur due
to the influence of the magnetic noise from surrounding
devices such as motor. Please make sure there is no
influence of the magnetic noise in designing process.
• Please be careful about a magnetic body (Iron, Nickel,
etc.) and a magnetic noise immunity that may affect the
magnetism of a magnet.
• Please do not supply inverse voltage or excess voltage to
this product. If applied, this product may be damaged and
electrically destroyed.
• Please design your product not to be affected by stress of
the resin due to heat shrink. Also, please avoid corrosive
gas that may erode the PCB wiring.
• It is effective to make the Vcc and GND line wide and
short or to adopt multi-layer PCB for switching noise
protection. In addition, please place a bypass capacitor
near the sensor.
EU RoHS Compliant
All the products in this catalog comply with EU RoHS.
EU RoHS is "the European Directive 2002/95/EC on the Restriction of the Use
of Certain Hazardous Substances in Electrical and Electronic Equipment".
For more details, please refer to our website 'Murata's Approach for EU RoHS'
(http://www.murata.com/info/rohs.html).
qSeries Name
wPKG Type
eType
rSensitivity Level (Type 01)
AMR Sensors (Magnetic Switches)
(Part Number)
e
01
w
2
r
A
MRMS
q
A
Type
Sensitivity Level
Hon 2.5 mT / Hoff 0.5 mT
rSensitivity Level (Type 11)
H
M
L
Type
Sensitivity Level
Hon 1.4 mT / Hoff 0.8 mT
Hon 1.8 mT / Hoff 1.2 mT
Hon 2.2 mT / Hoff 1.6 mT
01
11
05
15
Type
Type
Standard/Cost Reduction
High Accuracy
Standard/Cost Reduction (5V Type)
High Accuracy (5V Type)
2
3
5
6
7
Type
PKG Type
3Pin MM
3Pin FLP
Mini 3Pin FLP
4Pin LLP
Mini 4Pin LLP
S48E.pdf
Oct.18,2013
3
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.


Similar Part No. - MRMS201A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MRMS201A MURATA-MRMS201A Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
MRMS201A MURATA-MRMS201A Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
MRMS201A MURATA-MRMS201A Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
MRMS201A MURATA-MRMS201A Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
MRMS201A MURATA-MRMS201A Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
More results

Similar Description - MRMS201A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MRMS511M MURATA-MRMS511M Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
MRMS611H MURATA-MRMS611H Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
AS-V20NA-R MURATA-AS-V20NA-R Datasheet
33Kb / 1P
   AMR Sensors (Magnetic Switches)
MRMS571A MURATA-MRMS571A Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
S48E MURATA-S48E Datasheet
529Kb / 4P
   AMR Sensors (Magnetic Switches)
MRMS301A MURATA-MRMS301A Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
MRMS511L MURATA-MRMS511L Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
logo
Murata Manufacturing Co...
MS201A-001 MURATA1-MS201A-001 Datasheet
891Kb / 12P
   AMR Sensors (Magnetic Sensors)
Ver.10.1
MS205A-001 MURATA1-MS205A-001 Datasheet
881Kb / 12P
   AMR Sensors (Magnetic Sensors)
Ver.10.1
logo
Infineon Technologies A...
TLE5X09A16 INFINEON-TLE5X09A16 Datasheet
1Mb / 33P
   Analog AMR/GMR Angle Sensors
V 2.0 2018-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com