Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NNCD9.1B Datasheet(PDF) 2 Page - NEC

Part # NNCD9.1B
Description  ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 500 mW TYPE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NNCD9.1B Datasheet(HTML) 2 Page - NEC

  NNCD9.1B Datasheet HTML 1Page - NEC NNCD9.1B Datasheet HTML 2Page - NEC NNCD9.1B Datasheet HTML 3Page - NEC NNCD9.1B Datasheet HTML 4Page - NEC NNCD9.1B Datasheet HTML 5Page - NEC NNCD9.1B Datasheet HTML 6Page - NEC NNCD9.1B Datasheet HTML 7Page - NEC NNCD9.1B Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NNCD3.3B to NNCD12B
2
ELECTRICAL CHARACTERISTICS (TA = 25 ˚C)
Type Number
Breakdown VoltageNote 1
Dynamic
Reverse Leakage
Capacitance
E.S.D Voltage
VBR (V)
ImpedanceNote 2
IR (
µA)
Ct (pF)
(kV)
Zz (
Ω)
MIN.
MAX.
IT (mA)
MAX.
IT (mA)
MAX.
VR (V)
TYP.
TEST
MIN.
TEST
CONDITION
CONDITION
NNCD3.3B
3.16
3.53
20
70
20
20
1.0
240
30
NNCD3.6B
3.47
3.83
20
60
20
10
1.0
230
30
NNCD3.9B
3.77
4.14
20
50
20
5
1.0
220
30
NNCD4.3B
4.05
4.53
20
40
20
5
1.0
210
30
NNCD4.7B
4.47
4.91
20
25
20
5
1.0
190
30
NNCD5.1B
4.85
5.35
20
20
20
5
1.5
160
30
C = 150 pF
NNCD5.6B
5.29
5.88
20
13
20
5
2.5
140
VR = 0 V
30
R = 330
NNCD6.2B
5.81
6.40
20
10
20
5
3.0
120
f = 1 MHz
30
(IEC1000
NNCD6.8B
6.32
6.97
20
8
20
2
3.5
110
30
-4-2)
NNCD7.5B
6.88
7.64
20
8
20
0.5
4.0
90
30
NNCD8.2B
7.56
8.41
20
8
20
0.5
5.0
90
30
NNCD9.1B
8.33
9.29
20
8
20
0.5
6.0
90
30
NNCD10B
9.19
10.3
20
8
20
0.2
7.0
80
30
NNCD11B
10.18
11.26
10
10
10
0.2
8.0
70
30
NNCD12B
11.13
12.30
10
10
10
0.2
9.0
70
30
Notes 1. Tested with pulse (40 ms)
2. Zz is measured at IT give a small A.C. signal.


Similar Part No. - NNCD9.1B

ManufacturerPart #DatasheetDescription
logo
NEC
NNCD9.1A NEC-NNCD9.1A Datasheet
47Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 400 mW TYPE
NNCD9.1C NEC-NNCD9.1C Datasheet
41Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 150 mW TYPE
NNCD9.1D NEC-NNCD9.1D Datasheet
41Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 200 mW TYPE
logo
Renesas Technology Corp
NNCD9.1DA RENESAS-NNCD9.1DA Datasheet
227Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE 2-PIN SUPER MINI MOLD
logo
NEC
NNCD9.1E NEC-NNCD9.1E Datasheet
40Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 200 mW TYPE
More results

Similar Description - NNCD9.1B

ManufacturerPart #DatasheetDescription
logo
NEC
NNCD12A NEC-NNCD12A Datasheet
47Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 400 mW TYPE
NNCD12C NEC-NNCD12C Datasheet
41Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 150 mW TYPE
NNCD12D NEC-NNCD12D Datasheet
41Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 200 mW TYPE
NNCD12E NEC-NNCD12E Datasheet
40Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 200 mW TYPE
NNCD68H NEC-NNCD68H Datasheet
40Kb / 5P
   LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE
NNCD12F NEC-NNCD12F Datasheet
40Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES DOUBLE TYPE, ANODE COMMON 3PIN MINI MOLD
NNCD27G NEC-NNCD27G Datasheet
41Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES (QUARTO TYPE : COMMON ANODE) 5 PIN MINI MOLD
NNCD56MG NEC-NNCD56MG Datasheet
35Kb / 4P
   LOW CAPACITANCE HIGH ESD TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 5-PIN MINI MOLD
NNCD62MF NEC-NNCD62MF Datasheet
36Kb / 4P
   LOW CAPACITANCE HIGH ESD TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 3-PIN MINI MOLD
NNCD56LG NEC-NNCD56LG Datasheet
49Kb / 8P
   LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES (QUARTO TYPE: COMMON ANODE) 5-PIN MINI MOLD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com