Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48CA0 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT48CA0
Description  8-bit Microcontroller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48CA0 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT48CA0 Datasheet HTML 1Page - Holtek Semiconductor Inc HT48CA0 Datasheet HTML 2Page - Holtek Semiconductor Inc HT48CA0 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48CA0 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48CA0 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48CA0 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48CA0 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48CA0 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48CA0 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Unit
VDD
Conditions
VDD
Operating Voltage
2.2
3.6
V
IDD
Operating Current
3V
No load,
fSYS=4MHz
0.7
1.5
mA
ISTB
Standby Current
3V
No load,
system HALT
——
1
µA
VIL1
Input Low Voltage for I/O Ports
3V
0
1.05
V
VIH1
Input High Voltage for I/O Ports
3V
1.95
3
V
VIL2
Input Low Voltage (RES)
3V
1.5
V
VIH2
Input High Voltage (RES)
3V
2.4
V
IOL
I/O Ports Sink Current
3V
VOL=0.3V
1.5
2.5
mA
IOH
I/O Ports Source Current
3V
VOH=2.7V
–1
–1.5
mA
RPH1
Pull-high Resistance of PA
Port, PB0~PB1 and RES
3V
60
k
RPH2
Pull-high Resistance of PB2~PB7
3V
60
k
VLVR
Low Voltage Reset
3V
1.8
2.0
2.2
V
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Unit
VDD
Conditions
fSYS
System Clock
3V
400
4000
kHz
tRES
External Reset Low Pulse Width
1
µs
tSST
System Start-up timer
Period
Power-up or
wake-up from halt
—1024
tSYS
Note: tSYS=1/fSYS
HT48CA0
5
23rd July ’98


Similar Part No. - HT48CA0

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48CA0-1 HOLTEK-HT48CA0-1 Datasheet
225Kb / 33P
   Remote Type 8-Bit MCU
HT48CA0-2 HOLTEK-HT48CA0-2 Datasheet
238Kb / 32P
   Remote Type 8-Bit MCU
HT48CA0-3 HOLTEK-HT48CA0-3 Datasheet
250Kb / 34P
   Remote Type 8-Bit MCU
More results

Similar Description - HT48CA0

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com