Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT49C50 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT49C50
Description  8-Bit Microcontroller
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49C50 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT49C50 Datasheet HTML 7Page - Holtek Semiconductor Inc HT49C50 Datasheet HTML 8Page - Holtek Semiconductor Inc HT49C50 Datasheet HTML 9Page - Holtek Semiconductor Inc HT49C50 Datasheet HTML 10Page - Holtek Semiconductor Inc HT49C50 Datasheet HTML 11Page - Holtek Semiconductor Inc HT49C50 Datasheet HTML 12Page - Holtek Semiconductor Inc HT49C50 Datasheet HTML 13Page - Holtek Semiconductor Inc HT49C50 Datasheet HTML 14Page - Holtek Semiconductor Inc HT49C50 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
HT49C50
11
August 18, 1999
· Location 014H
Location 014H is reserved for the Time Base
interrupt service program. If a Time Base in-
terrupt occurs, and the interrupt is enabled,
and the stack is not full, the program begins
execution at location 014H.
· Location 018H
Location 018H is reserved for the real time
clock interrupt service program. If a real time
clock interrupt occurs, and the interrupt is
enabled, and the stack is not full, the program
begins execution at location 018H.
· Table location
Any location in the ROM can be used as a
look-up table. The instructions ²TABRDC
[m]² (the current page, 1 page=256 words)
and ²TABRDL [m]² (the last page) transfer
the contents of the lower-order byte to the
specified data memory, and the contents of
the higher-order byte to TBLH (Table
Higher-order byte register) (08H). Only the
destination of the lower-order byte in the ta-
ble is well-defined; the other bits of the table
word are all transferred to the lower portion
of TBLH, and the remaining 1 bit is read as
²0². The TBLH is read only, and the table
pointer (TBLP) is a read/write register (07H),
indicating the table location. Before accessing
the table, the location should be placed in
TBLP. All the table related instructions re-
quire 2 cycles to complete the operation.
These areas may function as a normal ROM
depending upon the user¢s requirements.
Stack register - STACK
The stack register is a special part of the mem-
ory used to save the contents of the PC. The
stack is organized into 6 levels and is neither
part of the data nor part of the program, and is
neither readable nor writeable. Its activated
level is indexed by a stack pointer (SP) and is
neither readable nor writeable. At a commence-
ment of a subroutine call or an interrupt ac-
knowledgment, the contents of the PC is
pushed onto the stack. At the end of the subrou-
tine or interrupt routine, signaled by a return
instruction (RET or RETI), the contents of the
PC is restored to its previous value from the
stack. After chip reset, the SP will point to the
top of the stack.
If the stack is full and a non-masked interrupt
takes place, the interrupt request flag is re-
corded but the acknowledgment is still inhib-
ited. Once the SP is decremented (by RET or
RETI), the interrupt is serviced. This feature
prevents stack overflow, allowing the program-
mer to use the structure easily. Likewise, if the
stack is full, and a ²CALL² is subsequently exe-
cuted, a stack overflow occurs and the first en-
try is lost (only the most recent six return
addresses are stored).
Data memory - RAM
The data memory (RAM) is designed with
192´8 bits, and is divided into two functional
groups, namely special function registers and
general purpose data memory, most of which
are readable/writeable, although some are read
only.
Instruction(s)
Table Location
*11
*10
*9
*8
*7
*6
*5
*4
*3
*2
*1
*0
TABRDC [m]
P11 P10
P9
P8
@7
@6
@5
@4
@3
@2
@1
@0
TABRDL [m]
1
1
1
1
@7
@6
@5
@4
@3
@2
@1
@0
Table location
Notes: *11~*0: Table location bits
@7~@0: Table pointer bits
P11~P8: Current program Counter bits


Similar Part No. - HT49C50

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT49C50-1 HOLTEK-HT49C50-1 Datasheet
318Kb / 45P
   LCD Type 8-Bit MCU
HT49C50-1 HOLTEK-HT49C50-1 Datasheet
345Kb / 45P
   LCD Type 8-Bit MCU
HT49C50-1 HOLTEK-HT49C50-1 Datasheet
286Kb / 44P
   LCD Type 8-Bit MCU
HT49C50-1 HOLTEK-HT49C50-1_12 Datasheet
302Kb / 44P
   LCD Type 8-Bit MCU
HT49C50L HOLTEK-HT49C50L Datasheet
318Kb / 45P
   LCD Type 8-Bit MCU
More results

Similar Description - HT49C50

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com