Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT600 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT600
Description  318 Series of Encoders
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT600 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT600 Datasheet HTML 1Page - Holtek Semiconductor Inc HT600 Datasheet HTML 2Page - Holtek Semiconductor Inc HT600 Datasheet HTML 3Page - Holtek Semiconductor Inc HT600 Datasheet HTML 4Page - Holtek Semiconductor Inc HT600 Datasheet HTML 5Page - Holtek Semiconductor Inc HT600 Datasheet HTML 6Page - Holtek Semiconductor Inc HT600 Datasheet HTML 7Page - Holtek Semiconductor Inc HT600 Datasheet HTML 8Page - Holtek Semiconductor Inc HT600 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
HT600/680/6207
318 Series of Encoders
Selection Table
Function Address
No.
Address/
Data No.
Data
No.
Dummy
Code No.
Oscillator
Trigger
Package
Part No.
HT600
9
5
0
4
RC oscillator
TE
20 DIP/SOP
HT680
8
4
0
6
RC oscillator
TE
18 DIP/SOP
HT6207
10
0
4
4
RC oscillator
D12~D15
20 DIP/SOP
Note: Address/Data represents addressable pins or data according to the decoder requirements.
1
April 24, 2000
General Description
The 318 encoders are a series of CMOS LSIs for
remote control system applications. They are
capable of encoding 18 bits of information
which consists of N address bits and 18-N data
bits. Each address/data input is externally
trinary programmable if bonded out. It is other-
wise set floating internally. Various packages of
the 318 encoders offer flexible combinations of
programmable address/data to meet various
application needs. The programmable ad-
dress/data is transmitted together with the
header bits via an RF or an infrared transmis-
sion medium upon receipt of a trigger signal.
The capability to select a TE trigger type or a
DATA trigger type further enhances the appli-
cation flexibility of the 318 series of encoders.
Features
·
Operating voltage: 2.4V~12V
·
Low power and high noise immunity CMOS
technology
·
Low standby current
·
Three words transmission
·
Built-in oscillator needs only 5% resistor
·
Easy interface with an RF or infrared trans-
mission media
·
Minimal external components
·
Package information: refer to Selection
Table
Applications
·
Burglar alarm system
·
Smoke and fire alarm system
·
Garage door controllers
·
Car door controllers
·
Car alarm system
·
Security system
·
Cordless telephones
·
Other remote control systems


Similar Part No. - HT600

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT600 HOLTEK-HT600 Datasheet
155Kb / 12P
   3(18) Series of Encoders
HT600 HOLTEK-HT600 Datasheet
168Kb / 15P
   318 Series of Encoders
HT600 HOLTEK-HT600_03 Datasheet
168Kb / 15P
   318 Series of Encoders
More results

Similar Description - HT600

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT600 HOLTEK-HT600_03 Datasheet
168Kb / 15P
   318 Series of Encoders
HT602L HOLTEK-HT602L Datasheet
837Kb / 14P
   318 Series of Decoders
HT604L HOLTEK-HT604L Datasheet
106Kb / 9P
   318 Series of Decoders
HT604L HOLTEK-HT604L_03 Datasheet
153Kb / 12P
   318 Series of Decoders
HT12A HOLTEK-HT12A Datasheet
141Kb / 13P
   Series of Encoders
HT12A HOLTEK-HT12A_03 Datasheet
165Kb / 14P
   212 Series of Encoders
HT6010 HOLTEK-HT6010 Datasheet
121Kb / 11P
   312 Series of Encoders
HT6010 HOLTEK-HT6010_03 Datasheet
168Kb / 13P
   312 Series of Encoders
HT640 HOLTEK-HT640 Datasheet
155Kb / 12P
   3(18) Series of Encoders
logo
Varitronix internationa...
VI-318 VARITRONIX-VI-318 Datasheet
24Kb / 1P
   VI-318
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com