Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAC15-12SB Datasheet(PDF) 1 Page - Recom International Power

Part # RAC15-12SB
Description  Compact AC-DC Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC15-12SB Datasheet(HTML) 1 Page - Recom International Power

  RAC15-12SB Datasheet HTML 1Page - Recom International Power RAC15-12SB Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PA-20
www.recom-electronic.com
REV: 1/2010
Please Read Application Notes
POWERLINE
AC/DC-Converter
with 3 year Warranty
UL-60601-1 Certified
E314885
RAC15-B
15 Watt
Single/Dual
& Triple
Output
Compact AC-DC Power Supply
15 Watt PCB Mount Package
Universal Input Voltage Range
4000VAC Isolation
Low Output Ripple and Noise
Short Circuit Protected
UL-60601 Certified for Medical Applications
Features
Regulated
Converters
Selection Guide
Part
Input
Output
Output
Efficiency
Number
Range
Voltage
Current
(VAC)
(VDC)
(mA)
(%)
RAC15-3.3SB
85-264
3.3
3000
74
RAC15-05SB
85-264
5
3000
78
RAC15-09SB
85-264
9
1666
79
RAC15-12SB
85-264
12
1250
81
RAC15-15SB
85-264
15
1000
81
RAC15-24SB
85-264
24
625
83
RAC15-05DB
85-264
±5
±1500
78
RAC15-12DB
85-264
±12
±625
80
RAC15-15DB
85-264
±15
±500
81
RAC15-0512TB
85-264
5/±12
+2000/±200
78
RAC15-0515TB
85-264
5/±15
+2000/±150
78
*add suffix “-E” for extended temperature range, e.g. RAC15-05SB-E
*add suffix "-ST” for screw terminal module e.g. RAC15-05SB-ST, RAC15-05DB-ST, RAC15-0512TB-ST
Input Voltage Range
90-264VAC or 100-370VDC
Rated Power
15 Watts max.
Input Frequency Range (for AC Input)
47-440Hz
Input Current (full load)
115VAC/230VAC
220mA / 118mA max.
No Load Power Consumption
115VAC/230VAC
590mW max.
Inrush Current (<2ms)
115VAC/230VAC
10A / 20A max.
Leakage Current
115VAC/230VAC
100µA/ 200µA max.
Output Voltage Accuracy (Full load)
Single and Dual ±2% max.
Triple ±2% / ±3% max.
Line Voltage Regulation (low line, high line at full load) - See Note 1
±0.5% max.
Load Voltage Regulation (10% to 100% symmetric load) - See Note 2
±1% max.
Output Ripple and Noise - See Note 3
1% Vout max.
Operating Frequency
132kHz typ.
Efficiency at Full Load
see table
RMS Isolation Voltage (input to output)
4kVAC / 1minute
Temperature Coefficient
±0.01%/°C typ.
Over-Current Protection
105% typ.
Short Circuit Protection
Continuous, Automatic Restart
Over-Voltage Protection
Zener Diode Clamp
Over-Temperature Protection
100°C
Operating Temperature Range
Standard
-25°C to +70°C
(free air convection, with derating)
Suffix -E
-40°C to +70°C
Storage Temperature Range
-40°C to +100°C
continued on next page
Derating Graph
(Ambient Temperature)
125
75
50
25
0
100
Ambient Temperature Range (°C)
-25 -10 0
50
60 70 80 90
Natural Convection
-40
E-Version
Description
Specifications (typical at 25°C and after warm up time unless otherwise specified )
Compact switching power module for PCB or DIN-rail mounting with medical certification UL-60601-1.
RoHS
2002/95/EC
6/6


Similar Part No. - RAC15-12SB

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC15-12SB RECOM-RAC15-12SB Datasheet
99Kb / 2P
   15 Watt Single, Dual & Triple Output
RAC15-12SB RECOM-RAC15-12SB Datasheet
125Kb / 2P
   Compact AC-DC Power Supply
More results

Similar Description - RAC15-12SB

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC10-A RECOM-RAC10-A Datasheet
87Kb / 2P
   Compact AC-DC Power Supply
RAC20-05SB RECOM-RAC20-05SB Datasheet
93Kb / 2P
   Compact AC-DC Power Supply
RAC10-B RECOM-RAC10-B Datasheet
95Kb / 2P
   Compact AC-DC Power Supply
RAC15-B RECOM-RAC15-B Datasheet
125Kb / 2P
   Compact AC-DC Power Supply
RAC06-05SC RECOM-RAC06-05SC Datasheet
81Kb / 2P
   Very Compact AC-DC Power Supply
RAC05-B RECOM-RAC05-B Datasheet
86Kb / 2P
   Very Compact AC-DC Power Supply
logo
C&D Technologies
PCI500-4A CANDD-PCI500-4A Datasheet
122Kb / 4P
   AC/DC Compact PCI Power Supply
logo
Recom International Pow...
RAC40-A RECOM-RAC40-A Datasheet
119Kb / 2P
   Compact 40W AC-DC Power Supply
logo
Murata Manufacturing Co...
TPS_PCI500_4A MURATA-TPS_PCI500_4A Datasheet
1Mb / 4P
   AC/DC Compact PCI Power Supply
logo
TDK Electronics
SWS-L TDK-SWS-L Datasheet
947Kb / 19P
   Compact and high-power AC/DC power supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com