Electronic Components Datasheet Search |
|
S3X-13-F Datasheet(PDF) 1 Page - Diodes Incorporated |
|
S3X-13-F Datasheet(HTML) 1 Page - Diodes Incorporated |
1 / 4 page S3A/B - S3M/B Document number: DS16005 Rev. 18 - 2 1 of 4 www.diodes.com March 2014 © Diodes Incorporated S3A/B - S3M/B 3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER Features Glass Passivated Die Construction Low Forward Voltage Drop and High Current Capability Surge Overload Rating to 100A Peak Ideally Suited for Automated Assembly Lead-Free Finish; RoHS Compliant (Notes 1 & 2) Halogen and Antimony Free. “Green” Device (Note 3) Mechanical Data Case: SMB/SMC Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020 Terminals: Lead Free Plating (Matte Tin Finish). Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band or Cathode Notch Weight: SMB 0.093 grams (approximate) SMC 0.21 grams (approximate) Ordering Information* (Note 4) Part Number Compliance Case Packaging S3xB-13-F Standard SMB 3000/Tape & Reel S3x-13-F Standard SMC 3000/Tape & Reel *x = Device type, e.g. S3AB-13-F (SMB package); S3A-13-F (SMC Package). Notes: 1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied. 2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free. 3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm antimony compounds. 4. For packaging details, go to our website at http://www.diodes.com/products/packages.html. Marking Information Green Top View Bottom View S3x = Product Type Marking Code, ex. S3K (SMC) S3xB = Product Type Marking Code, ex. S3KB (SMB) = Manufacturers’ code marking YWW = Date code marking Y = Last digit of year (ex: 14 for 2014) WW = Week code (01 to 53) YWW S3x(B) |
Similar Part No. - S3X-13-F |
|
Similar Description - S3X-13-F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |