Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBC846 Datasheet(PDF) 7 Page - ON Semiconductor

Part # SBC846
Description  General Purpose Transistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SBC846 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button SBC846 Datasheet HTML 3Page - ON Semiconductor SBC846 Datasheet HTML 4Page - ON Semiconductor SBC846 Datasheet HTML 5Page - ON Semiconductor SBC846 Datasheet HTML 6Page - ON Semiconductor SBC846 Datasheet HTML 7Page - ON Semiconductor SBC846 Datasheet HTML 8Page - ON Semiconductor SBC846 Datasheet HTML 9Page - ON Semiconductor SBC846 Datasheet HTML 10Page - ON Semiconductor SBC846 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
BC846, SBC846, BC847, SBC847, BC848 Series
http://onsemi.com
7
BC847B, SBC847B, BC848B
Figure 17. DC Current Gain vs. Collector
Current
Figure 18. Collector Emitter Saturation Voltage
vs. Collector Current
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
0.1
0.01
0.001
0
100
200
600
0.1
0.01
0.001
0.0001
0
0.05
0.30
Figure 19. Base Emitter Saturation Voltage vs.
Collector Current
Figure 20. Base Emitter Voltage vs. Collector
Current
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
0.1
0.01
0.001
0.0001
0.2
0.3
0.5
0.6
0.7
0.8
1.1
0.1
0.01
0.001
0.0001
0.2
0.3
0.5
0.6
0.8
0.9
1.0
1.2
1
VCE = 1 V
150°C
−55°C
25°C
IC/IB = 20
150°C
−55°C
25°C
0.4
0.9
IC/IB = 20
150°C
−55°C
25°C
0.4
0.7
1.1
VCE = 5 V
150°C
−55°C
25°C
0.10
0.15
0.20
0.25
300
400
500
1.0


Similar Part No. - SBC846

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SBC846 ONSEMI-SBC846 Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
SBC846 ONSEMI-SBC846 Datasheet
112Kb / 13P
   General Purpose Transistors
January, 2015 ??Rev. 11
logo
Axiomtek Co., Ltd.
SBC84620 AXIOMTEK-SBC84620 Datasheet
229Kb / 1P
   4 COM ports and 4 USB 2.0 ports
SBC84620 AXIOMTEK-SBC84620_16 Datasheet
322Kb / 1P
   Low power fanless AMD LX800 processor
SBC84620 AXIOMTEK-SBC84620_17 Datasheet
263Kb / 1P
   3.5 Embedded SBC with AMD LX800, Dual LANs, 4 COM, 4 USB 2.0 and VGA/TTL
More results

Similar Description - SBC846

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com