Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST110018 Datasheet(PDF) 1 Page - E-SWITCH

Part # ST110018
Description  All Dimension In MM
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ST110018 Datasheet(HTML) 1 Page - E-SWITCH

  ST110018 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
100SP1T7B13M2QEH
2:1
2/15/2005
ST110018
B
AR
1
1
11.38
[.448 in]
A
14687
RELEASED FOR PRODUCTION
2/15/05
AR
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: SILVER
5. RATING: 5A @ 120VAC OR 28VDC
2A @250VAC
6. ELECTRIC LIFE: 40,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD.
7. INSULATION RESISTANCE: 1,000 MEGA-OHM MIN.
8. DIELECTRIC STRENGTH: 1,000 V RMS @SEA LEVEL.
9. OPERATING TEMP.: -30°C to 85°C
10. HARDWARE TO BE SHIPPED BULK
T100004 - HEXNUT - QTY 2
T100012 - LOCKWASHER - QTY 1
T100003 - LOCKRING - QTY 1
11.
DENOTES CRITICAL PARAMETER.
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
NONE
ON
ON
2-3
N/A
2-1
2
13
CIRCUI: SPDT
25
~
POS. 1
POS. 3
6.60
[.260 in]
1.27
[.050 in] TYP.
8.89
[.350 in]
E-SWITCH
MARKING ON
OPPOSITE SIDE
12
3
3
4.70
[.185 in]
n1.85
[.073 in]
P.C. MOUNTING
EPOXY SEAL
13.00
[.512 in]
6.09
[.240 in]
n
.51
[.020 in]
4.70
[.185 in]
.76
[.030 in]
100SP1T7B13M2QE
(T110018)
12.70
[.500 in]
6.86
[.270 in]
15/32-32 UNS-2A
B
B
B
19978
CHANGE DIM WAS 6.35
6/3/11
BGL


Similar Part No. - ST110018

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
ST110010 E-SWITCH-ST110010 Datasheet
55Kb / 1P
   All Dimension In MM
ST110011 E-SWITCH-ST110011 Datasheet
70Kb / 1P
   All Dimension In MM
ST110014 E-SWITCH-ST110014 Datasheet
74Kb / 1P
   All Dimension In MM
ST110016 E-SWITCH-ST110016 Datasheet
65Kb / 1P
   All Dimension In MM
ST110017 E-SWITCH-ST110017 Datasheet
76Kb / 1P
   All Dimension In MM
More results

Similar Description - ST110018

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
R010000 E-SWITCH-R010000 Datasheet
27Kb / 1P
   All Dimension In MM
R010005 E-SWITCH-R010005 Datasheet
56Kb / 1P
   All Dimension In MM
M301101 E-SWITCH-M301101 Datasheet
41Kb / 1P
   All Dimension In MM
M301123 E-SWITCH-M301123 Datasheet
67Kb / 1P
   All Dimension In MM
M301208 E-SWITCH-M301208 Datasheet
32Kb / 1P
   All Dimension In MM
G510576 E-SWITCH-G510576 Datasheet
288Kb / 1P
   All Dimension In MM
G510360 E-SWITCH-G510360 Datasheet
148Kb / 1P
   All Dimension In MM
G510365 E-SWITCH-G510365 Datasheet
137Kb / 1P
   All Dimension In MM
G510450 E-SWITCH-G510450 Datasheet
41Kb / 1P
   All Dimension In MM
G510541 E-SWITCH-G510541 Datasheet
41Kb / 1P
   All Dimension In MM
G510561 E-SWITCH-G510561 Datasheet
38Kb / 1P
   All Dimension In MM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com