Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX8501 Datasheet(PDF) 3 Page - NEC

Part # NX8501
Description  InGaAsP STRAINED DC-PBH LASER DIODE MODULE 1 625 nm TELEMETRY APPLICATION
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NX8501 Datasheet(HTML) 3 Page - NEC

  NX8501 Datasheet HTML 1Page - NEC NX8501 Datasheet HTML 2Page - NEC NX8501 Datasheet HTML 3Page - NEC NX8501 Datasheet HTML 4Page - NEC NX8501 Datasheet HTML 5Page - NEC NX8501 Datasheet HTML 6Page - NEC NX8501 Datasheet HTML 7Page - NEC NX8501 Datasheet HTML 8Page - NEC NX8501 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet P14128EJ2V0DS00
3
NX7660JC
ORDERING INFORMATION
Part Number
Available Connector
NX7660JC
Without Connector
NX7660JC-BA
With FC-PC Connector
NX7660JC-CA
With SC-PC Connector
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Forward Current of LD
IF
200
mA
Reverse Voltage of LD
VR
2.0
V
Forward Current of PD
IF
10
mA
Reverse Voltage of PD
VR
20
V
Cooler Current
IC
1.2
A
Cooler Voltage
VC
2.5
V
Operating Case Temperature
TC
−5 to +70
°C
Storage Temperature
Tstg
−40 to +85
°C
Lead Soldering Temperature (10 s)
Tsld
260
°C
ELECTRO-OPTICAL CHARACTERISTICS (TLD = 25 °C, TC = –5 to +70 °C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Forward Voltage
VF
Pf = 5 mW
1.1
1.5
V
Threshold Current
Ith
15
30
mA
Optical Output Power from Fiber
Pf
IF = 65 mA
5
mW
Operating Current
Iop
Pf = 5 mW
65
75
mA
Differential Efficiency form Fiber
ηd
0.08
0.15
W/A
Center Wavelength
λC
Pf = 5 mW, RMS
1 615
1 625
1 635
nm
Spectral Width
σ
Pf = 5 mW, RMS
2.5
5
nm


Similar Part No. - NX8501

ManufacturerPart #DatasheetDescription
logo
NEC
NX8501 NEC-NX8501 Datasheet
61Kb / 8P
   1 480 nm EDFA APPLICATION InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
NX8501 NEC-NX8501 Datasheet
97Kb / 12P
   1 510 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
NX8501AC NEC-NX8501AC Datasheet
97Kb / 12P
   1 510 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
NX8501AC-BA NEC-NX8501AC-BA Datasheet
97Kb / 12P
   1 510 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
NX8501AC-CA NEC-NX8501AC-CA Datasheet
97Kb / 12P
   1 510 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
More results

Similar Description - NX8501

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX7663JB-BC RENESAS-NX7663JB-BC Datasheet
159Kb / 8P
   LASER DIODE InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 625 nm OTDR APPLICATION
logo
NEC
NX7460LE NEC-NX7460LE Datasheet
61Kb / 8P
   1 480 nm EDFA APPLICATION InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
logo
California Eastern Labs
NX7663JB-BC CEL-NX7663JB-BC Datasheet
957Kb / 6P
   InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 625 nm OTDR APPLICATION
logo
Renesas Technology Corp
NX7663JB-BC RENESAS-NX7663JB-BC_15 Datasheet
151Kb / 8P
   LASER DIODE InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 625 nm OTDR APPLICATION
logo
NEC
NDL7514P NEC-NDL7514P_00 Datasheet
28Kb / 2P
   1310 nm InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE
NDL7553P NEC-NDL7553P_00 Datasheet
29Kb / 3P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE FOR 1550 nm OTDR APPLICATION
NDL7513P NEC-NDL7513P_00 Datasheet
29Kb / 3P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE FOR 1310 nm OTDR APPLICATION
NDL7513P NEC-NDL7513P Datasheet
63Kb / 8P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1310nm OTDR APPLICATION
NDL7514P NEC-NDL7514P Datasheet
63Kb / 8P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1310nm OTDR APPLICATION
NDL7553P NEC-NDL7553P Datasheet
66Kb / 8P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1550nm OTDR APPLICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com