Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD2941-10W Datasheet(PDF) 7 Page - STMicroelectronics

Part # SD2941-10W
Description  HF/VHF/UHF RF power N-channel MOSFETs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2941-10W Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SD2941-10W Datasheet HTML 3Page - STMicroelectronics SD2941-10W Datasheet HTML 4Page - STMicroelectronics SD2941-10W Datasheet HTML 5Page - STMicroelectronics SD2941-10W Datasheet HTML 6Page - STMicroelectronics SD2941-10W Datasheet HTML 7Page - STMicroelectronics SD2941-10W Datasheet HTML 8Page - STMicroelectronics SD2941-10W Datasheet HTML 9Page - STMicroelectronics SD2941-10W Datasheet HTML 10Page - STMicroelectronics SD2941-10W Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
DocID11815 Rev 5
7/17
SD2941-10
Typical performance
17
4
Typical performance
Figure 3. Capacitance vs drain voltage
Figure 4. Drain current vs gate voltage
Figure 5. Maximum thermal resistance vs case
temperature
Figure 6. Safe operating area
0
1020304050
VDS, DRAIN-SOURCE VOLTAGE (V)
10
100
1000
10000
Ciss
Coss
Crss
f =1MHz
2
2.5
3
3.5
4
4.5
5
5.5
6
VGS, GATE-SOURCE VOLTAGE (V)
0
5
10
15
20
Tc=-20 °C
Tc=+25 °C
Tc=+80 °C
VDS = 10 V
25
35
45
55
65
75
85
Tc, CASE TEMPERATURE (°C)
0.44
0.48
0.52
0.56
0.6
1
10
100
1000
Vds(V)
1
10
100
(1) Current in this area may be limited by Rds(on)
(1)


Similar Part No. - SD2941-10W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SD2941-10 ETC1-SD2941-10 Datasheet
288Kb / 5P
   HF to 2000 MHz Class AB Common Source - PowerSO-10RF
logo
Amphenol Corporation
SD2941-10 AMPHENOL-SD2941-10 Datasheet
562Kb / 3P
   Luminus MP Series
logo
New Jersey Semi-Conduct...
SD2941-10 NJSEMI-SD2941-10 Datasheet
233Kb / 4P
   RF power transistors
More results

Similar Description - SD2941-10W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STAC2942B STMICROELECTRONICS-STAC2942B Datasheet
580Kb / 16P
   HF/VHF/UHF RF power N-channel MOSFETs
January 2014 Rev 7
logo
New Jersey Semi-Conduct...
SD2933 NJSEMI-SD2933 Datasheet
90Kb / 3P
   HF/VHF/UHF RF power N-channel MOSFETs
logo
STMicroelectronics
SD2943W STMICROELECTRONICS-SD2943W Datasheet
522Kb / 15P
   HF/VHF/UHF RF power N-channel MOSFETs
STAC2932BW STMICROELECTRONICS-STAC2932BW Datasheet
406Kb / 14P
   HF/VHF/UHF RF power N-channel MOSFETs
SD3932 STMICROELECTRONICS-SD3932 Datasheet
35Kb / 5P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2932 STMICROELECTRONICS-SD2932 Datasheet
122Kb / 13P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
March 2000
SD2931-11 STMICROELECTRONICS-SD2931-11 Datasheet
274Kb / 18P
   RF power transistors HF/VHF/UHF N-channel MOSFETs
SD3931-10 STMICROELECTRONICS-SD3931-10 Datasheet
55Kb / 5P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2931-10 STMICROELECTRONICS-SD2931-10_03 Datasheet
343Kb / 16P
   RF power transistors HF/VHF/UHF N-channel MOSFETs
SD2918 STMICROELECTRONICS-SD2918 Datasheet
101Kb / 8P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com