Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16CTQ0100 Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # 16CTQ0100
Description  SCHOTTKY RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

16CTQ0100 Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  16CTQ0100 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd 16CTQ0100 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd 16CTQ0100 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd 16CTQ0100 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd 16CTQ0100 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd 16CTQ0100 Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0610, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http:// www.smc-diodes.com • E-Mail Address - sales@ sangdest.com.cn •
16CTQ080/100
16CTQ080/100/S
16CTQ080/100/-1
16CTQ…/16CTQ…S /16CTQ…-1
SCHOTTKY RECTIFIER
Applications:
Switching power supply
Converters
Free-Wheeling diodes
Reverse battery protection
Features:
150
°C TJ operation
Center tap configuration
Low forward voltage drop
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and
moisture resistance
High frequency operation
Guard ring for enhanced ruggedness and long term reliability
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
Mechanical Dimensions: In Inches / mm
TO-220AB
Case styles
16CTQ…
TO-220AB
16CTQ…S
D2PAK
16CTQ…-1
TO-262


Similar Part No. - 16CTQ0100

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16CTQ060 IRF-16CTQ060 Datasheet
199Kb / 8P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
16CTQ060 VISHAY-16CTQ060 Datasheet
113Kb / 6P
   Schottky Rectifier, 2 x 8 A
Revision: 22-Aug-08
16CTQ060 VISHAY-16CTQ060 Datasheet
113Kb / 6P
   Schottky Rectifier, 2 x 8 A
Revision: 13-Aug-08
16CTQ060 VISHAY-16CTQ060 Datasheet
145Kb / 7P
   Schottky Rectifier, 2 x 8 A
Revision: 13-Aug-08
logo
Inchange Semiconductor ...
16CTQ060 ISC-16CTQ060 Datasheet
218Kb / 2P
   Schottky Rectifier
More results

Similar Description - 16CTQ0100

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com