Electronic Components Datasheet Search |
|
SJS862100 Datasheet(PDF) 1 Page - Amphenol Corporation |
|
SJS862100 Datasheet(HTML) 1 Page - Amphenol Corporation |
1 / 3 page New Product Bulletin Amphenol Pcd is pleased to announce the availability of our latest innovation in light weight aerospace connection systems, Luminus MP (Metal Plated) Series. These twist & lock, “scoop-proof” connectors provide the same convenience and weight savings of the Luminus Series, with the added benefit of EMI shielding and protection from ambient noise transients. Luminus MP Series Jam Nut Receptacle Amphenol Pcd is also pleased to announce the availability of our latest configuration in the Luminus Series twist & lock connection system, a circular Jam Nut Receptacle connector. This addition provides greater flexibility in application options, allowing for simple and secure panel PCB mounting. Available in the Metal Plated or standard version, the Jam Nut Receptacle is ideal for power supply cases, power distribution panels, seat power distribution and modular power feed through applications where weight and cost are critical factors. Solder wash standoff feet and self-tapping screw holes enable PCB mounting. PCB mounting is useful for inter-system connectivity, where a rigid board-to-board connector is impractical. Jam Nut Receptacle samples are currently available in the 12-pin and 25-pin configurations. Features Benefits Molded plastic locking ring with anti-rotation (panel mounting) Security in high vibration & shock environments Solder wash standoff feet & two-thread cutting screws holes (PCB mounting) Helps ensure solder joints do not bear stress during installation and pass through vibration and shock when panel mounted Silicone O-ring Environmental sealing and stack up tolerance Optional metalized O-ring Ensures case to connector EMI shielding Electroless nickel plate EMI Shielding for improve signal integrity Frequency in Mhz Attenuation Amphenol Pcd www.amphenolpcd.com info@amphenolpcd.com 978-624-3400 EMI shielding is provided by an electroless copper and nickel plate, and a copper alloy spring finger gasket. Tests show greater than 50db of attenuation for low end signals (<100Mhz) and greater than 40db of attenuation for high end signals (<1Ghz). This level of isolation makes Luminus MP Series the ideal choice for AC wash lighting, fluorescent lighting, switching power supply systems, and inter-system connectivity signal paths, where protection against ambient noise transients is required. (DO-160G Section 21 categories B, L and M and DO-160G Section 20 categories S & T). All existing Luminus Series configurations will be available in the MP style. Luminus MP Series samples are currently available in the 8-pin, 12-pin, and 25-pin configurations. April 2014 *Preliminary |
Similar Part No. - SJS862100 |
|
Similar Description - SJS862100 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |