Selected language     English  ▼


U-MULTILINK-FX Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part No. U-MULTILINK-FX
Description  Introduction
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

   
 4 page
background image
USB Multilink Universal & USB Multilink Universal FX - Technical Summary
Port C – BDM
RS08, HCS08, S12Z, ColdFire V1
a. Debug activity is seen on BKGD (Pin-1).
HC(S)12(X)
a. BKGD (Pin-1) and RESET (Pin-4) are pulled low by the interface.
b. After 5 milliseconds, RESET (Pin-4) is released and goes high.
c. After 10 milliseconds, BKGD (Pin-1) is released and goes high.
d. After 20 more milliseconds, debug activity is seen on BKGD (Pin-1).
Port D – Coldfire V2/V3/V4
a. BKPT (Pin-2), DSI (Pin-8), and DSCLK (Pin-4) signals are driven low.
b. RESET (Pin-7) is driven low for 20+ milliseconds and released.
c. After RESET is released and if the processor has correctly entered background mode, the PST0 (Pin-15),
PST1 (Pin-14), PST2 (Pin-13) and PST3 (Pin-12) lines should all be driven high by the processor.
d. Activity (changing signals) is seen on the DSI, DSO, and DSCLK signals. The activity on the DSCLK and
DSI lines is generated by the PC and the activity on the DSO line is generated by the processor.
Port E – JTAG/COP (Not yet supported)
Port H - HC16/683XX
(FX Only)
a. BKPT/DSCLK is pulled low (to processor).
b. Delay ~1ms.
c. RESET is pulled low (to processor).
d. Delay ~20ms.
e. RESET is released (tri state, should be pulled up on target).
f. Wait for FREEZE (out of processor).
g. Shifting activity appears on DSCLK, DSI and DSO.
6
Firmware Updates/Architecture Selection
The Multilink Universal and Universal FX use firmware updates to change between modes of operation to support different
families of Freescale microcontrollers. Older versions of P&E's software and third-party software are not able to automatically
configure these Multilinks when the target is switched to a different family of microcontrollers. If you are not using the latest
version of P&E software, please contact us to determine if you are eligible for a discounted upgrade to the latest version of your
software. You may also download a manual configuration utility for the Multilink from the Support Center or corresponding
product page on our website:
http://www.pemicro.com/support/downloads_find.cfm
7
Interface Libraries
P&E produces a set of interface libraries which allow the user to directly control the USB Multilink Universal or Universal FX
from any Windows Development environment which can interact with a DLL. The interface libraries come with examples for
controlling the Multilink interface from Microsoft Visual C as well as Borland Delphi. More details can be found on the Interface
Libraries page on the P&E website:
http://www.pemicro.com/products/product_processor.cfm?category=9
8
Compatible Software
The USB Multilink Universal and Universal FX are supported by recent versions of Freescale’s CodeWarrior (10.x) as well as
third-party toolchains from IAR, Keil, Cosmic, and Ment.or Graphics. It is recommended that you check with the vendor
regarding support for your specific part. Information on compatible P&E software can be found in the “Products” section of
www.pemicro.com.
9
Transition To Production Programming
The USB Multilink Universal and Universal FX are intended
for development and are not designed to accomodate the
demands of production programming. However, P&E’s
Cyclone programmers are specifically engineered to
withstand the rigors of a production environment and will
provide a seamless transition from the Multilink. More
information is available online at pemicro.com/cyclonepro
and pemicro.com/cyclonemax.
Cyclone PRO & Cyclone MAX




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl