Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

158HVX-1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 158HVX-1
Description  158 Series - High Voltage, Open Style Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

158HVX-1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  158HVX-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers 158HVX-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Special Purpose Relays
Outline Dimensions
Dimensions Shown in inches & (millimeters)
Part numbers
Contact configuration
Nominal input
voltage
Nominal resistance
(ohms)
Nominal power
(Watts)
158HVX-1
SPDT-double make/break
24VDC
120
5
158 Part Number Chart
1.12
(28.5)
3.08
(78.2)
1.74
(44.2)
Ø.19 (44.2)
2.18
(55.5)
2.28
(57.9)
5/10
www.struthers-dunn.com (843) 346-4427


Similar Part No. - 158HVX-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
158 ETC2-158 Datasheet
355Kb / 1P
   INTERCONNECT BATTERY HOLDERS
logo
HellermannTyton.
158-41-G HELLERMANNTYTON-158-41-G Datasheet
2Mb / 70P
   NorthAmericanProductGuide
158-41-GP HELLERMANNTYTON-158-41-GP Datasheet
2Mb / 70P
   NorthAmericanProductGuide
158-42-G HELLERMANNTYTON-158-42-G Datasheet
2Mb / 70P
   NorthAmericanProductGuide
158-42-GP HELLERMANNTYTON-158-42-GP Datasheet
2Mb / 70P
   NorthAmericanProductGuide
More results

Similar Description - 158HVX-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PM-17DY-12 ETC2-PM-17DY-12 Datasheet
375Kb / 2P
   PM Series - Open Style Power Relay
20-2121-30 ETC2-20-2121-30 Datasheet
482Kb / 4P
   SERIES 20 OPEN LINE RELAY
logo
Bud Industries, Inc.
RR-1263 BUD-RR-1263 Datasheet
60Kb / 1P
   OPEN RELAY RACK
logo
OSA Opto Light GmbH
OLS-158HY OSA-OLS-158HY Datasheet
131Kb / 5P
   Series 158 - 1206 Bipolar low current High luminous intensity
logo
Bud Industries, Inc.
RR-1367 BUD-RR-1367 Datasheet
67Kb / 1P
   OPEN RELAY RACK
logo
Cynergy3 Co
S2-03P CYNERGY3-S2-03P Datasheet
256Kb / 1P
   Axial style reed relay
logo
Bud Industries, Inc.
RR-1265 BUD-RR-1265 Datasheet
53Kb / 1P
   OPEN RELAY RACK
logo
Nuvotem Talema
0030P1-2-006 TALEMA-0030P1-2-006 Datasheet
247Kb / 1P
   30VA Open Style, with Leads
0500P2-2-025 TALEMA-0500P2-2-025 Datasheet
254Kb / 1P
   500VA Open Style, with Leads
0030P2-2-006 TALEMA-0030P2-2-006 Datasheet
252Kb / 1P
   30VA Open Style, with Leads.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com