Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT815D0 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT815D0
Description  11.2-Second LOG-PCM Speech
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT815D0 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT815D0 Datasheet HTML 1Page - Holtek Semiconductor Inc HT815D0 Datasheet HTML 2Page - Holtek Semiconductor Inc HT815D0 Datasheet HTML 3Page - Holtek Semiconductor Inc HT815D0 Datasheet HTML 4Page - Holtek Semiconductor Inc HT815D0 Datasheet HTML 5Page - Holtek Semiconductor Inc HT815D0 Datasheet HTML 6Page - Holtek Semiconductor Inc HT815D0 Datasheet HTML 7Page - Holtek Semiconductor Inc HT815D0 Datasheet HTML 8Page - Holtek Semiconductor Inc HT815D0 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
HT815D0
11.2-Second LOG-PCM Speech
1
March 15, 2000
Features
·
Operating voltage: 2.4V~5.0V
·
Directly drives an external transistor
·
Low standby current (1mA typ. for VDD=3V)
·
Minimal external components
·
508 words table ROM for key functions
·
Programmable silence length and end-pulse
width (minimal end-pulse width is 330msata
6kHz sampling rate)
·
11.2-second voice capacity (based on a 6kHz
sampling rate)
·
FLAG1 options
End-pulse output
3HzB flash
6HzB flash
Voice output indication
Busy output
·
FLAG2 options
3Hz flash
6Hz flash
Busy output
·
Controllable volume
·
12 keys
·
Key options
Stop key: KEY12
Random (only for KEY1)
Sequential (only for KEY1)
Repeat (for all KEYs)
Key debounce time (for all KEYs): 700ms,
22ms, 45ms, 180ms (based on a sampling
rate of 6kHz)
One shot (for all KEYs)
Level-trigger
Pull-high resistance (for all KEYs)
·
Section options
Retriggerable
Non-retriggerable
·
Dice form or 16/20/24-pin DIP,
20/24-pin SOP package
General Description
The HT815D0 is a single chip LOG-PCM voice
synthesizer LSI with 11.2-second voice capacity
at 6kHz sampling rate. The chip when trig-
gered drives a speaker through an external
transistor with a current switch D/A converter
output. Negligible current will be consumed in
the standby state.
The HT815D0 provides 12 key inputs and 2 pro-
grammable FLAG outputs. With a 2.4V~5.0V
power supply, a complete synthesized voice
playback system can be easily built with very
few external components.
The customer¢s voice sources are recorded sec-
tion by section into an internal mask ROM. The
sectional playback arrangement instructions of
each key are stored in the table ROM. The key
features are also programmable. With such a
flexible structure, the HT815D0 is excellent for
versatile voice applications.
Applications
·
Leisure products
·
Alarm clocks
·
Public address system
·
Alert & warning system
·
Sound effect generators


Similar Part No. - HT815D0

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HT81 BITECH-HT81 Datasheet
118Kb / 5P
   HDSL, HDSL2 Coupling Transformers
HT81-00552 BITECH-HT81-00552 Datasheet
118Kb / 5P
   HDSL, HDSL2 Coupling Transformers
HT81-00553 BITECH-HT81-00553 Datasheet
118Kb / 5P
   HDSL, HDSL2 Coupling Transformers
HT81-00628 BITECH-HT81-00628 Datasheet
118Kb / 5P
   HDSL, HDSL2 Coupling Transformers
HT81-00629 BITECH-HT81-00629 Datasheet
118Kb / 5P
   HDSL, HDSL2 Coupling Transformers
More results

Similar Description - HT815D0

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT813D0 HOLTEK-HT813D0 Datasheet
574Kb / 12P
   5.6 Second LOG-PCM Speech
HT814D0 HOLTEK-HT814D0 Datasheet
162Kb / 15P
   8.4-Second LOG-PCM Speech
HT817D0 HOLTEK-HT817D0 Datasheet
162Kb / 15P
   16.8-Second LOG-PCM Speech
HT818D0 HOLTEK-HT818D0 Datasheet
160Kb / 14P
   22.4-Second LOG-PCM Speech
HT812D0 HOLTEK-HT812D0 Datasheet
614Kb / 15P
   2.8 Second LOG-PCM Speech
HT819D0 HOLTEK-HT819D0 Datasheet
569Kb / 13P
   4.2 Second LOG-PCM Speech
HT81003 HOLTEK-HT81003 Datasheet
136Kb / 11P
   EasyVoiceTM 3-Second Speech
HT81003 HOLTEK-HT81003_02 Datasheet
142Kb / 8P
   EasyVoiceTM 3-Second Speech
logo
Intersil Corporation
ICL8048 INTERSIL-ICL8048 Datasheet
85Kb / 7P
   Log Amplifier
logo
New Japan Radio
NJM2204A NJRC-NJM2204A_1 Datasheet
158Kb / 5P
   LOG AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com