Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82K28 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT82K28
Description  Win98 Keyboard Encoder
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K28 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT82K28 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 9Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 10Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 11Page - Holtek Semiconductor Inc HT82K28 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
HT82K28A
8
February 16, 2000
b4~b0 Typematic
rate
b4~b0 Typematic
rate
00000
00001
00010
00011
00100
00101
00110
00111
01000
01001
01010
01011
01100
01101
01110
01111
30.0
26.7
24.0
21.8
20.0
18.5
17.1
16.0
15.0
13.3
12.0
10.9
10.0
9.2
8.6
8.0
10000
10001
10010
10011
10100
10101
10110
10111
11000
11001
11010
11011
11100
11101
11110
11111
7.5
6.7
6.0
5.5
5.0
4.6
4.3
4.0
3.7
3.3
3.0
2.7
2.5
2.3
2.1
2.0
· Default
¨
delay: 500ms± 20%
¨
typematic rate=10.9 characters/sec± 20%
Commands to the system
00: keyboard detect a error/overrun (set 2, set 3)
AB,83: keyboard ID
AA: BAT completion
FC: BAT failure
EE: Echo
FA: Acknowledge
FE: Resend
FF: Keyboard detects a overrun (set 1)
· FA: Acknowledge
If the KB (Keyboard) receives any valid input
except EE (echo) and resend (FE) then send
an FA to the system first.
If the command is EE, then send an EE back
to the system.
If the command is FE, then send the last key
code to system.
If there is an interrupt while sending FA, the
KB discards the FA and accepts the command
from the system and processes it.
· 00/FF: Key overrun
If the keyboard detects an overrun error, the
KB sends an overrun error code to the system.
mode 1: FF
mode 2,3: 00
· FE: Resend
The KB issues an FE when there is a parity
error in transmission.
Data communications
· Data output
¨
If CLK=0, no transmission (keyboard inhib-
ited).
¨
If CLK=1, DATA=0, no transmission (sys-
tem request to send).
¨
If CLK=1, DATA=1, transmission permit-
ted.
¨
Data will be valid before the trailing edge
and beyond the leading edge of the clock.
¨
The KB checks the clock line for an active
level at least every 60ms.
¨
If line contention occurs (system brings the
clock low before the tenth clock), set
clock=data=high.
· Data input
¨
The system overrides the clock line for at
least 60ms
¨
The keyboard checks the state of the clock
line at intervals of no more than 10ms
¨
If a system request-to-send is detected, the
keyboard counts 11 data bits.
¨
Data will be valid before the rising edge and
beyond the falling edge
¨
After the 10th bit, the keyboard checks for
an active level on the "data" line. If the line
is active it is forced to be inactive, and
counts one more bit.
Note: This action signals the system that
the keyboard has received its data.
Upon reception of this signal, the
system returns to the ready state, in
which it can accept keyboard outputs
or goes to the inhibit state until it is
ready.
If the keyboard "data" line is found to be at an
inactive level following the 10th bit, a frame
error has occurred, and the keyboard contin-
ues to count until the "data" line becomes ac-
tive. The keyboard then makes the "data" line
inactive and sends a Resend.


Similar Part No. - HT82K28

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82K28A HOLTEK-HT82K28A Datasheet
156Kb / 16P
   Win98 Keyboard Encoder
HT82K28A HOLTEK-HT82K28A_02 Datasheet
156Kb / 16P
   Win98 Keyboard Encoder
More results

Similar Description - HT82K28

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82K28A HOLTEK-HT82K28A_02 Datasheet
156Kb / 16P
   Win98 Keyboard Encoder
logo
ELAN Microelectronics C...
EM83049 EMC-EM83049 Datasheet
96Kb / 17P
   KEYBOARD ENCODER
EM83050H EMC-EM83050H Datasheet
116Kb / 20P
   KEYBOARD ENCODER
EKK8301 EMC-EKK8301 Datasheet
566Kb / 30P
   Keyboard Encoder
EM83053A EMC-EM83053A Datasheet
210Kb / 24P
   KEYBOARD ENCODER
EM83055H EMC-EM83055H Datasheet
197Kb / 22P
   KEYBOARD ENCODER
logo
List of Unclassifed Man...
SC83053 ETC-SC83053 Datasheet
483Kb / 27P
   KEYBOARD ENCODER
AY-5-3600 ETC1-AY-5-3600 Datasheet
249Kb / 6P
   Keyboard Encoder
AY53600 ETC1-AY53600 Datasheet
249Kb / 6P
   Keyboard Encoder
logo
ELAN Microelectronics C...
EM83100A EMC-EM83100A Datasheet
147Kb / 6P
   RF KEYBOARD ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com