Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82K68 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT82K68
Description  Multimedia Keyboard Encoder OTP
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K68 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT82K68 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 9Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 10Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 11Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Mode
Program Counter
*11 *10 *9
*8
*7
*6
*5
*4
*3
*2
*1
*0
Initial reset
0
0
0
0
00000
0
0
0
Timer counter overflow
0
0
0
0
00001
0
0
0
Skip
PC+2
Loading PCL
*11 *10 *9
*8 @7 @6 @5 @4 @3 @2 @1 @0
Jump, call branch
#11 #10 #9
#8
#7
#6
#5
#4
#3
#2
#1
#0
Return from subroutine
S11 S10 S9 S8 S7 S6 S5 S4 S3 S2 S1 S0
HT82K68E
8
August 8, 2000
Preliminary
Note: *11~*0: Program counter bits
#11~#0: Instruction code bits
S11~S0: Stack register bits
@7~@0: PCL bits
· Location 008H
This area is reserved for the timer counter in-
terrupt service program. If timer interrupt re-
sults from a timer counter overflow, and if the
interrupt is enabled and the stack is not full,
the program begins execution at location
008H.
· Table location
Any location in the PROM space can be used
as look-up tables. The instructions TABRDC
[m] (the current page, 1 page=256 words) and
TABRDL [m] (the last page) transfer the con-
tents of the lower-order byte to the specified
data memory, and the higher-order byte to
TBLH (08H). Only the destination of the
lower-order byte in the table is well-defined,
the other bits of the table word are trans-
ferred to the lower portion of TBLH, the re-
maining 1 bit is read as 0. The Table
Higher-order byte register (TBLH) is read
only. The TBLH is read only and cannot be re-
stored. If the main routine and the ISR (Inter-
rupt Service Routine) both employ the table
read instruction, the contents of the TBLH in
the main routine are likely to be changed by
the table read instruction used in the ISR. Er-
rors can occur. In other words, using the table
read instruction in the main routine and the
ISR simultaneously should be avoided. How-
ever, if the table read instruction has to be ap-
plied in both the main routine and the ISR,
the interrupt is supposed to be disabled prior
to the table read instruction. It will not be en-
abled until the TBLH has been backed up.
The table pointer (TBLP) is a read/write regis-
ter (07H), which indicates the table location.
Before accessing the table, the location must be
placed in TBLP. All table related instructions
need 2 cycles to complete the operation. These
areas may function as normal program memory
depending upon the requirements.
000H
008H
D e v i c e i ni t i al i z at i on pr ogr am
T i m e r / ev ent c o unt er i nt er r upt s ubr out i n e
P r ogr a m
PR O M
16 b i t s
Look - up t abl e ( 256 w o r d s )
n00H
Look - up t abl e ( 256 w o r d s )
B FFH
N o t e : n r a nges f r o m 0 t o B
nF F H
Program memory


Similar Part No. - HT82K68

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82K68A HOLTEK-HT82K68A Datasheet
315Kb / 39P
   Multimedia Keyboard Encoder 8-Bit Mask MCU
HT82K68A HOLTEK-HT82K68A Datasheet
259Kb / 30P
   8-Bit Multimedia Keyboard Encoder Mask MCU
HT82K68A-L HOLTEK-HT82K68A-L Datasheet
259Kb / 39P
   Multimedia Keyboard Encoder 8-Bit MCU
HT82K68A-L HOLTEK-HT82K68A-L Datasheet
240Kb / 38P
   Multimedia Keyboard Encoder 8-Bit MCU
HT82K68A HOLTEK-HT82K68A_01 Datasheet
259Kb / 30P
   8-Bit Multimedia Keyboard Encoder Mask MCU
More results

Similar Description - HT82K68

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82K68E HOLTEK-HT82K68E_07 Datasheet
270Kb / 39P
   Multimedia Keyboard Encoder 8-Bit OTP MCU
HT82K96E HOLTEK-HT82K96E_07 Datasheet
321Kb / 44P
   USB Multimedia Keyboard Encoder 8-Bit OTP MCU
HT82K96E HOLTEK-HT82K96E Datasheet
325Kb / 46P
   8-Bit USB Multimedia Keyboard Encoder OTP MCU
HT82K68E-L HOLTEK-HT82K68E-L_09 Datasheet
240Kb / 38P
   Multimedia Keyboard Encoder 8-Bit MCU
HT82K68E-L HOLTEK-HT82K68E-L Datasheet
259Kb / 39P
   Multimedia Keyboard Encoder 8-Bit MCU
HT82K68E-L HOLTEK-HT82K68E-L_11 Datasheet
260Kb / 39P
   Multimedia Keyboard Encoder 8-Bit MCU
HT82K94E HOLTEK-HT82K94E_07 Datasheet
305Kb / 43P
   USB Multimedia Keyboard Encoder 8-Bit MCU
HT82K94E HOLTEK-HT82K94E Datasheet
321Kb / 44P
   USB Multimedia Keyboard Encoder 8-Bit MCU
HT82K68A HOLTEK-HT82K68A Datasheet
315Kb / 39P
   Multimedia Keyboard Encoder 8-Bit Mask MCU
HT82K68A HOLTEK-HT82K68A_01 Datasheet
259Kb / 30P
   8-Bit Multimedia Keyboard Encoder Mask MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com