Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82V14 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT82V14
Description  14-Bit CCD/CIS Analog Signal Processor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V14 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT82V14 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82V14 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V14 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V14 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V14 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82V14 Datasheet HTML 9Page - Holtek Semiconductor Inc HT82V14 Datasheet HTML 10Page - Holtek Semiconductor Inc HT82V14 Datasheet HTML 11Page - Holtek Semiconductor Inc HT82V14 Datasheet HTML 12Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
· Truth table for 1 channel index mode
Bit1
Bit0
0
0
R channel
0
1
G channel
1
0
B channel
1
1
Reserved
· Truth table for 3 channel index mode
Bit4
Bit3
Bit2
00
0
R®G®B
00
1
R®B®G
01
0
G®R®B
01
1
G®B®R
10
0
B®R®G
10
1
B®G®R
1
1
0
Reserved
1
1
1
Reserved
Application Circuits
Note: Decoupling capacitor of RIN, GIN, BIN may change its value from 300pF to 0.1mF depending
on the system environment.
HT82V14
11
July 12, 2000
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AV D D
AV SS
RI N
OFF S E T
GI N
CM L
BI N
RE FT
RE F
AV SS
AV D D
SL O A D
SC L K
SD AT A
CDS C L K 1
CDS C L K 2
AD C C L K
OE
DRV D D
DRV S S
D 13/ D 5
D 12/ D 4
D 11/ D 3
D 10/ D 2
D9 / D 1
D8 / D 0
D7
D6
0. 1 m F
0. 1 m F
0. 1 m F
10 m F
0. 1 m F
0. 1 m F
0. 1 m F
HT 8 2 V 1 4
0. 1 m F
0. 1 m F
0. 1 m F
0. 1 m F


Similar Part No. - HT82V14

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82V16 HOLTEK-HT82V16 Datasheet
139Kb / 12P
   16-Bit CCD/CIS Analog Signal Processor
More results

Similar Description - HT82V14

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9814S AD-AD9814S Datasheet
121Kb / 7P
   14-Bit CCD/CIS Signal Processor
REV. D
AD9814S AD-AD9814S_17 Datasheet
105Kb / 8P
   14-Bit CCD/CIS Signal Processor
logo
Holtek Semiconductor In...
HT82V38 HOLTEK-HT82V38 Datasheet
137Kb / 16P
   16-Bit CCD/CIS Analog Signal Processor
logo
Unisonic Technologies
M1008 UTC-M1008 Datasheet
372Kb / 11P
   16-BIT CCD/CIS ANALOG SIGNAL PROCESSOR
logo
Analog Devices
AD9814 AD-AD9814 Datasheet
160Kb / 15P
   Complete 14-Bit CCD/CIS Signal Processor
REV. 0
AD9822 AD-AD9822 Datasheet
150Kb / 15P
   Complete 14-Bit CCD/CIS Signal Processor
REV. A
AD9814 AD-AD9814_15 Datasheet
163Kb / 15P
   Complete 14-Bit CCD/CIS Signal Processor
REV. 0
AD9822 AD-AD9822_15 Datasheet
474Kb / 20P
   Complete 14-Bit CCD/CIS Signal Processor
REV. B
AD9822JRZ AD-AD9822JRZ Datasheet
474Kb / 20P
   Complete 14-Bit CCD/CIS Signal Processor
REV. B
logo
Holtek Semiconductor In...
HT82V38 HOLTEK-HT82V38_14 Datasheet
164Kb / 16P
   16-Bit CCD/CIS Analog Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com