Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7134SLA Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT7134SLA
Description  HIGH-SPEED 4K x 8 DUAL-PORT STATIC SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7134SLA Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT7134SLA Datasheet HTML 1Page - Integrated Device Technology IDT7134SLA Datasheet HTML 2Page - Integrated Device Technology IDT7134SLA Datasheet HTML 3Page - Integrated Device Technology IDT7134SLA Datasheet HTML 4Page - Integrated Device Technology IDT7134SLA Datasheet HTML 5Page - Integrated Device Technology IDT7134SLA Datasheet HTML 6Page - Integrated Device Technology IDT7134SLA Datasheet HTML 7Page - Integrated Device Technology IDT7134SLA Datasheet HTML 8Page - Integrated Device Technology IDT7134SLA Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IDT7134SA/LA
High-Speed 4K x 8 Dual-Port Static SRAM
Military, Industrial and Commercial Temperature Ranges
2
Pin Configurations(1,2,3)
NOTES:
1. All VCC pins must be connected to the power supply.
2. All GND pins must be connected to the ground supply.
3. P48-1 package body is approximately .55 in x 2.43 in x .18 in.
C48-2 package body is approximately .62 in x 2.43 in x .15 in.
J52-1 package body is approximately .75 in x .75 in x .17 in.
L48-1 package body is approximately .57 in x .57 in x .68 in.
F48-1 package body is approxiamtely .75 in x .75 in x .11 in.
4. This package code is used to reference the package diagram.
5. This text does not indicate orientation of actual part-marking.
A10R
2720 drw 02
I/O0R
I/O1R
I/O2R
I/O3R
I/O4R
I/O5R
I/O6R
I/O7R
A9R
A8R
A7R
A6R
A4R
A3R
A2R
A1R
A0R
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
148
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
A0L
A1L
A2L
A3L
A4L
A5L
A6L
A7L
A8L
A9L
I/O 0L
I/O 1L
I/O 2L
I/O 3L
I/O 4L
I/O 5L
I/O 6L
I/O 7L
IDT7134P or C
P48-1(4)
&
C48-2(4)
48-Pin
Top
View(5)
CEL
R/
WL
OEL
VCC
A5R
R
OE
A11R
R/
WR
CER
A11L
A10L
GND
,
2720 drw 03
IDT7134J
J52-1(4)
52-Pin
PLCC
Top View(5)
INDEX
OER
A0R
A1R
A2R
A3R
A4R
A5R
A6R
A7R
A8R
A9R
N/C
I/O7R
46
45
44
43
42
41
40
39
38
37
36
35
34
I/O3L
A1L
A2L
A3L
A4L
A5L
A6L
A7L
A8L
A9L
I/O0L
I/O1L
I/O2L
8
9
10
11
12
13
14
15
16
17
18
19
20
47
48
49
50
51
52
1
2
3
4
5
6
7
33
32
31
30
29
28
27
26
25
24
23
22
21
2720 drw 04
IDT7134L48 or F
L48-1(4)
&
F48-1(4)
48-Pin LCC/Flatpack
Top View(5)
INDEX
65
43
2
1
48 47 46 45 44 43
19 20 21 22 23
25 26 27 28 29 30
24
A1L
A2L
A3L
A4L
A5L
A6L
A7L
A8L
A9L
I/O0L
I/O1L
I/O2L
A0R
A1R
A2R
A3R
A4R
A5R
A6R
A7R
A8R
A9R
I/O6R
I/O7R
42
41
40
39
38
37
36
35
34
33
32
31
7
8
9
10
11
12
13
14
15
16
17
18
,
Description
The IDT7134 is a high-speed 4K x 8 Dual-Port Static RAM
designedtobeusedinsystemswhereon-chiphardwareportarbitration
is not needed. This part lends itself to those systems which cannot
tolerate wait states or are designed to be able to externally arbitrate or
withstand contention when both sides simultaneously access the
same Dual-Port RAM location.
TheIDT7134providestwoindependentportswithseparatecontrol,
address, and I/O pins that permit independent, asynchronous access
forreadsorwritestoanylocationinmemory.Itistheuser’sresponsibility
to ensure data integrity when simultaneously accessing the same
memory location from both ports. An automatic power down feature,
controlledbyCE,permitstheon-chipcircuitryofeachporttoenteravery
low standby power mode.
FabricatedusingCMOShigh-performancetechnology,theseDual-
Ports typically operate on only 700mW of power. Low-power (LA)
versions offer battery backup data retention capability, with each port
typically consuming 200µW from a 2V battery.
The IDT7134 is packaged on either a sidebraze or plastic 48-pin
DIP, 48-pin LCC, 52-pin PLCC and 48-pin Flatpack. Military grade
product is manufactured in compliance with MIL-PRF-38535 QML,
makingitideallysuitedtomilitarytemperatureapplicationsdemandingthe
highestlevelofperformanceandreliability.


Similar Part No. - IDT7134SLA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
148Kb / 11P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC SRAM
IDT7134SA IDT-IDT7134SA Datasheet
136Kb / 12P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC SRAM
IDT7134SA20C IDT-IDT7134SA20C Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT7134SA20C IDT-IDT7134SA20C Datasheet
148Kb / 11P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC SRAM
More results

Similar Description - IDT7134SLA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7134LA IDT-IDT7134LA Datasheet
148Kb / 11P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC SRAM
IDT7134SA IDT-IDT7134SA_18 Datasheet
136Kb / 12P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC SRAM
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C135 CYPRESS-CY7C135_05 Datasheet
400Kb / 12P
   4K x 8 Dual-Port Static RAM and 4K x 8 Dual-Port SRAM with Semaphores
CY7C135 CYPRESS-CY7C135 Datasheet
506Kb / 12P
   4K x 8 Dual-Port Static RAM and 4K x 8 Dual-Port SRAM with Semaphores
logo
Integrated Device Techn...
IDT7130SA IDT-IDT7130SA_18 Datasheet
205Kb / 21P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130SA55JI IDT-IDT7130SA55JI Datasheet
278Kb / 10P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130-LA55J IDT-IDT7130-LA55J Datasheet
278Kb / 10P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130SA IDT-IDT7130SA_16 Datasheet
936Kb / 21P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com