Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7134SLA Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT7134SLA
Description  HIGH-SPEED 4K x 8 DUAL-PORT STATIC SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7134SLA Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT7134SLA Datasheet HTML 1Page - Integrated Device Technology IDT7134SLA Datasheet HTML 2Page - Integrated Device Technology IDT7134SLA Datasheet HTML 3Page - Integrated Device Technology IDT7134SLA Datasheet HTML 4Page - Integrated Device Technology IDT7134SLA Datasheet HTML 5Page - Integrated Device Technology IDT7134SLA Datasheet HTML 6Page - Integrated Device Technology IDT7134SLA Datasheet HTML 7Page - Integrated Device Technology IDT7134SLA Datasheet HTML 8Page - Integrated Device Technology IDT7134SLA Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
FEBRUARY 2013
DSC-2720/14
©2012 Integrated Device Technology, Inc.
IDT7134SA/LA
HIGH-SPEED
4K x 8 DUAL-PORT
STATIC SRAM
Features
High-speed access
– Military:35/45/55/70ns(max.)
– Industrial: 25/55ns (max.)
– Commercial: 20/25/35/45/55/70ns (max.)
Low-power operation
– IDT7134SA
Active: 700mW (typ.)
Standby: 5mW (typ.)
– IDT7134LA
Active: 700mW (typ.)
Standby: 1mW (typ.)
Functional Block Diagram
I/O
CONTROL
I/O
CONTROL
MEMORY
ARRAY
ADDRESS
DECODER
ADDRESS
DECODER
R/
WL
OEL
A0L-A11L
I/O0L-I/O7L
2720 drw 01
CEL
A0R-A11R
I/O0R-I/O7R
OER
CER
R/
WR
Fully asynchronous operation from either port
Battery backup operation—2V data retention (LA only)
TTL-compatible; single 5V (±10%) power supply
Available in 48-pin DIP, LCC, Flatpack and 52-pin PLCC
Military product compliant to MIL-PRF-38535 QML
Industrial temperature range (–40°C to +85°C) is available for
selected speeds
Green parts available, see ordering information


Similar Part No. - IDT7134SLA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
148Kb / 11P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC SRAM
IDT7134SA IDT-IDT7134SA Datasheet
136Kb / 12P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC SRAM
IDT7134SA20C IDT-IDT7134SA20C Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT7134SA20C IDT-IDT7134SA20C Datasheet
148Kb / 11P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC SRAM
More results

Similar Description - IDT7134SLA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7134LA IDT-IDT7134LA Datasheet
148Kb / 11P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC SRAM
IDT7134SA IDT-IDT7134SA_18 Datasheet
136Kb / 12P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC SRAM
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C135 CYPRESS-CY7C135_05 Datasheet
400Kb / 12P
   4K x 8 Dual-Port Static RAM and 4K x 8 Dual-Port SRAM with Semaphores
CY7C135 CYPRESS-CY7C135 Datasheet
506Kb / 12P
   4K x 8 Dual-Port Static RAM and 4K x 8 Dual-Port SRAM with Semaphores
logo
Integrated Device Techn...
IDT7130SA IDT-IDT7130SA_18 Datasheet
205Kb / 21P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130SA55JI IDT-IDT7130SA55JI Datasheet
278Kb / 10P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130-LA55J IDT-IDT7130-LA55J Datasheet
278Kb / 10P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130SA IDT-IDT7130SA_16 Datasheet
936Kb / 21P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com