Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

J100567 Datasheet(PDF) 1 Page - E-SWITCH

Part # J100567
Description  All Dimension In MM
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

J100567 Datasheet(HTML) 1 Page - E-SWITCH

  J100567 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL59BF160Q
2:1
10/1/2012
J100567
A
RC
1
1
PCB LAYOUT
SCHEMATIC
9.50
[.374 in]
6.20
[.244 in]
o
.40
[.016 in]
.30
[.012 in]
3.60
[.142 in]
2.60
[.102 in]
.40
[.016 in]
A
20796
RELEASED FOR PRODUCTION
10/01/12
rc
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=
`0.4mm
X.XX=
`0.25mm
3. CONTACT RATING: 50mA @ 12VDC
4. CONTACT MATERIAL: SILVER
5. OPERATING FORCE: 160
`50gf
6. TRAVEL: 0.25
`0.1mm
7. CONTACT RESISTANCE: 100mW MAX.
8. ELECTRICAL LIFE: 80,000 CYCLES
9. PACKAGING: 1,000 PCS RADIAL
10. 2002/95/EC (ROHS) COMPLIANT
11.
DENOTES CRITICAL PRAMETERS.
12.70
[.500 in]
18.00
[.709 in]
.60
[.024 in]
.50
[.020 in]
6.00
[.236 in]
18.00
[.709 in]
n4.00
[.157 in]
.50
[.020 in]
n3.50
[.138 in]
.40
[.016 in]
.70
[.028 in]
6.35
[.250 in]
5.00
[.197 in]
n1.00
[.039 in]
ACTUATOR COLOR:
BLACK


Similar Part No. - J100567

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
J100502 E-SWITCH-J100502 Datasheet
54Kb / 1P
   ALL DIMENSIONS IN MM
J100524 E-SWITCH-J100524 Datasheet
54Kb / 1P
   ALL DIMENSIONS IN MM
J100532 E-SWITCH-J100532 Datasheet
55Kb / 1P
   ALL DIMENSIONS IN MM
J100539 E-SWITCH-J100539 Datasheet
54Kb / 1P
   All Dimension In MM
J100540 E-SWITCH-J100540 Datasheet
56Kb / 1P
   All Dimension In MM
More results

Similar Description - J100567

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
R010000 E-SWITCH-R010000 Datasheet
27Kb / 1P
   All Dimension In MM
R010005 E-SWITCH-R010005 Datasheet
56Kb / 1P
   All Dimension In MM
M301101 E-SWITCH-M301101 Datasheet
41Kb / 1P
   All Dimension In MM
M301123 E-SWITCH-M301123 Datasheet
67Kb / 1P
   All Dimension In MM
M301208 E-SWITCH-M301208 Datasheet
32Kb / 1P
   All Dimension In MM
G510576 E-SWITCH-G510576 Datasheet
288Kb / 1P
   All Dimension In MM
G510360 E-SWITCH-G510360 Datasheet
148Kb / 1P
   All Dimension In MM
G510365 E-SWITCH-G510365 Datasheet
137Kb / 1P
   All Dimension In MM
G510450 E-SWITCH-G510450 Datasheet
41Kb / 1P
   All Dimension In MM
G510541 E-SWITCH-G510541 Datasheet
41Kb / 1P
   All Dimension In MM
G510561 E-SWITCH-G510561 Datasheet
38Kb / 1P
   All Dimension In MM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com