Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT9011 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT9011
Description  FM IF Detector
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9011 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT9011 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9011 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9011 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9011 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9011 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9011 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9011 Datasheet HTML 7Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Electrical Characteristics
Ta=25°C, Unless oterwise specified, Fin (MIX)=21.7MHz, Fin(IF)=455kHz, Fdev=±4kHz, Fin=600Hz
Symbol
Parameter
Test Conditions
Min. Typ. Max.
Unit
VDD
Conditions
Iccq
Quiescent Current
1.4V
¾
1.1
1.6
mA
Icco
Supply Current at
Battery Saving
1.4V
¾
05
mA
GMV
MIXER Conversion Gain 1.4V
9
12.5
16
dB
IP
MIXER 3rd Interception
point
1.4V
¾-10
¾
dBm
R(MIX)in MIX Input Resistance
1.4V
¾
5
¾
kW
R(IF)in
IF Amp Input Resistance 1.4V
¾
2
¾
kW
S/N1
Signal to Noise Ration 1 1.4V MIX IN,
VIN (MIX)=60dBmEMF
¾
63
¾
dB
S/N2
Signal to Noise Ration 2 1.4V IF IN,
VIN (IF)=60dBmEMF
¾
63
¾
dB
S/N3
Signal to Noise Ration 3 1.4V IF IN,
VIN (IF)=22dBmEMF
¾
25
¾
dB
Vi(LIM)1 -3dB Limiting
Sensitivity 1
1.4V MIX input
¾
14
¾ dBmEMF
Vi(LIM)2 -3dB Limiting
Sensitivity 2
1.4V IF input
¾
23
27 dBmEMF
VOD
Detected Output Level
1.4V VIN (IF)=60dBmEMF
30
45
60
mVrms
AMR
AM Rejection Ratio
1.4V VIN (IF)=60dBmEMF
AM=30%
¾
50
¾
dB
DR
FSK OUT Duty Ratio
1.4V VIN (IF)=60dBmEMF
40
50
60
%
VALM
Alarm Detected Voltage
1.4V
1.05 1.1
1.15
V
VALML
²L² Level Output Voltage
(ALM)
1.4V I=100mA
¾¾
0.4
V
IALM
²H² Level Output Current
(ALM)
1.4V
¾¾
2
mA
VFSKL
²L² Level Output Voltage
(FSK)
1.4V I=100mA
¾¾
0.4
V
IFSK
²H² Level Output Current
(FSK)
1.4V
¾¾
2
mA
VREC
Constant Voltage Output 1.4V
0.95 1.0
1.05
V
HT9011
4
March 1, 2000
Preliminary


Similar Part No. - HT9011

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9015 HOLTEK-HT9015 Datasheet
206Kb / 23P
   RF Single Chip for Cordless Phone
More results

Similar Description - HT9011

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1225M SANYO-LA1225M_06 Datasheet
472Kb / 8P
   FM IF Detector IC
logo
TOKO, Inc
TK10930 TOKO-TK10930 Datasheet
937Kb / 4P
   AM/FM IF DETECTOR
logo
Sanyo Semicon Device
LA1225M SANYO-LA1225M Datasheet
55Kb / 8P
   FM IF Detector IC
logo
TOKO, Inc
TK14551V TOKO-TK14551V Datasheet
334Kb / 32P
   FM IF DETECTOR/AMPLIFIER
logo
ON Semiconductor
LA1225MC ONSEMI-LA1225MC Datasheet
365Kb / 8P
   FM IF Detector IC
May, 2013
logo
LANSDALE Semiconductor ...
ML13150 LANSDALE-ML13150 Datasheet
1Mb / 20P
   Narrowband FM Coilless Detector IF Subsystem
logo
Rohm
BA4116FV-E2 ROHM-BA4116FV-E2 Datasheet
209Kb / 12P
   FM IF detector for cordless phones
logo
Motorola, Inc
MC13150 MOTOROLA-MC13150 Datasheet
517Kb / 20P
   Narrowband FM Coilless Detector IF Subsystem
logo
TEMIC Semiconductors
U4270B TEMIC-U4270B Datasheet
104Kb / 7P
   FM IF limiter amplifier and detector
logo
NTE Electronics
NTE1441 NTE-NTE1441 Datasheet
23Kb / 3P
   Integrated Circuit FM IF Amplifier, Detector
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com