Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFZ34NSTRL Datasheet(PDF) 2 Page - International Rectifier

Part # IRFZ34NSTRL
Description  Advanced Process Technology
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFZ34NSTRL Datasheet(HTML) 2 Page - International Rectifier

  IRFZ34NSTRL Datasheet HTML 1Page - International Rectifier IRFZ34NSTRL Datasheet HTML 2Page - International Rectifier IRFZ34NSTRL Datasheet HTML 3Page - International Rectifier IRFZ34NSTRL Datasheet HTML 4Page - International Rectifier IRFZ34NSTRL Datasheet HTML 5Page - International Rectifier IRFZ34NSTRL Datasheet HTML 6Page - International Rectifier IRFZ34NSTRL Datasheet HTML 7Page - International Rectifier IRFZ34NSTRL Datasheet HTML 8Page - International Rectifier IRFZ34NSTRL Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IRFZ34NS/L
** When mounted on 1" square PCB (FR-4 or G-10 Material ).
For recommended footprint and soldering techniques refer to application note #AN-994.
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
55
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– 0.052 –––
V/°C
Reference to 25°C, ID = 1mA
…
RDS(ON)
Static Drain-to-Source On-Resistance
–––
––– 0.040
VGS = 10V, ID = 16A
„
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
6.5
–––
–––
S
VDS = 25V, ID = 16A
–––
–––
25
VDS = 55V, VGS = 0V
–––
–––
250
VDS = 44V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
VGS = -20V
Qg
Total Gate Charge
–––
–––
34
ID = 16A
Qgs
Gate-to-Source Charge
–––
–––
6.8
nC
VDS = 44V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
14
VGS = 10V, See Fig. 6 and 13
„…
td(on)
Turn-On Delay Time
–––
7.0
–––
VDD = 28V
tr
Rise Time
–––
49
–––
ID = 16A
td(off)
Turn-Off Delay Time
–––
31
–––
RG = 18Ω
tf
Fall Time
–––
40
–––
RD = 1.8
Ω, See Fig. 10 „…
Between lead,
and center of die contact
Ciss
Input Capacitance
–––
700
–––
VGS = 0V
Coss
Output Capacitance
–––
240
–––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
100
–––
ƒ = 1.0MHz, See Fig. 5
…
IDSS
Drain-to-Source Leakage Current
IGSS
ns
µA
nA
nH
LS
Internal Source Inductance
–––
7.5
–––
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ƒ ISD ≤ 16 A, di/dt ≤ 420A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.6
V
TJ = 25°C, IS = 16A, VGS = 0V
„
trr
Reverse Recovery Time
–––
57
86
ns
TJ = 25°C, IF = 16A
Qrr
Reverse RecoveryCharge
–––
130
200
nC
di/dt = 100A/µs
„…
ton
Forward Turn-On Time
Source-Drain Ratings and Characteristics
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
–––
–––
100
–––
–––
29
A
S
D
G
‚ VDD = 25V, starting TJ = 25°C, L = 610µH
RG = 25Ω, IAS = 16A. (See Figure 12)
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
… Uses IRFZ34N data and test conditions


Similar Part No. - IRFZ34NSTRL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFZ34NSTRRPBF IRF-IRFZ34NSTRRPBF Datasheet
302Kb / 11P
   advanced process technology
More results

Similar Description - IRFZ34NSTRL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com