Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP9994GP-HF Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP9994GP-HF
Description  Simple Drive Requirement
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9994GP-HF Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP9994GP-HF_14 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9994GP-HF_14 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9994GP-HF_14 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9994GP-HF_14 Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
3
AP9994GP-HF
0
40
80
120
160
200
024
68
10
V DS , Drain-to-Source Voltage (V)
T C =150
o C
10V
9.0V
8.0V
7.0V
V G =6.0V
0
50
100
150
200
250
300
0
4
8
12
16
20
V DS , Drain-to-Source Voltage (V)
T C =25
o C
10V
9.0V
8.0V
7.0V
V G = 6.0V
0.4
0.8
1.2
1.6
2.0
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D =40A
V G =10V
0
10
20
30
40
0
0.2
0.4
0.6
0.8
1
1.2
V SD , Source-to-Drain Voltage (V)
T j =25
o C
T j =150
o C
0.0
0.4
0.8
1.2
1.6
2.0
-50
0
50
100
150
T j , Junction Temperature (
o C )
I D =250uA
2
4
6
8
3456789
10
V GS Gate-to-Source Voltage (V)
I D = 40A
T C = 25
o C


Similar Part No. - AP9994GP-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9994GP-HF A-POWER-AP9994GP-HF Datasheet
57Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP9994GP-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP3310GJ-HF A-POWER-AP3310GJ-HF Datasheet
111Kb / 6P
   Simple Drive Requirement, Simple Drive Requirement
AP2301AGN-HF A-POWER-AP2301AGN-HF_14 Datasheet
56Kb / 4P
   Simple Drive Requirement
AP95T10AGR-HF A-POWER-AP95T10AGR-HF_14 Datasheet
53Kb / 4P
   Simple Drive Requirement
AP95T11GI-HF A-POWER-AP95T11GI-HF_14 Datasheet
100Kb / 4P
   Simple Drive Requirement
AP98T03GW-HF A-POWER-AP98T03GW-HF_14 Datasheet
63Kb / 4P
   Simple Drive Requirement
AP99LT06GI-HF A-POWER-AP99LT06GI-HF_14 Datasheet
56Kb / 4P
   Simple Drive Requirement
AP99LT06GP-HF A-POWER-AP99LT06GP-HF_14 Datasheet
57Kb / 4P
   Simple Drive Requirement
AP0704GMT-HF A-POWER-AP0704GMT-HF_14 Datasheet
99Kb / 4P
   Simple Drive Requirement
AP0904GJB-HF A-POWER-AP0904GJB-HF_14 Datasheet
63Kb / 4P
   Simple Drive Requirement
AP2301GN-HF A-POWER-AP2301GN-HF_14 Datasheet
102Kb / 4P
   Simple Drive Requirement
AP2303GN-HF A-POWER-AP2303GN-HF_14 Datasheet
100Kb / 4P
   Simple Drive Requirement
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com