Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33161 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC33161
Description  Universal Voltage Monitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33161 Datasheet(HTML) 4 Page - ON Semiconductor

  MC33161 Datasheet HTML 1Page - ON Semiconductor MC33161 Datasheet HTML 2Page - ON Semiconductor MC33161 Datasheet HTML 3Page - ON Semiconductor MC33161 Datasheet HTML 4Page - ON Semiconductor MC33161 Datasheet HTML 5Page - ON Semiconductor MC33161 Datasheet HTML 6Page - ON Semiconductor MC33161 Datasheet HTML 7Page - ON Semiconductor MC33161 Datasheet HTML 8Page - ON Semiconductor MC33161 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MC34161, MC33161, NCV33161
http://onsemi.com
4
TA = 25°C
TA = -40°C
TA = -40°C
TA = 85°C
TA = 85°C
1.0
3.0
0
0.5
1.5
2.5
2.0
3.5
Channel 2 Threshold
Channel 1 Threshold
VCC = 5.0 V
RL = 10 k to VCC
VMode, MODE SELECT INPUT VOLTAGE (V)
TA = 25°C
Figure 2. Comparator Input Threshold Voltage
VCC = 5.0 V
RL = 10 k to VCC
TA = 25°C
TA = -40°C
TA = 85°C
TA = 25°C
1.22
1.28
1.23
1.24
1.25
1.26
1.27
1.29
Vin, INPUT VOLTAGE (V)
TA = 85°C
TA = 25°C
TA = -40°C
Figure 3. Comparator Input Bias Current
versus Input Voltage
4.0
6.0
0
2.0
1
2
3
4
1. VMode = GND, Output Falling
2. VMode = VCC, Output Rising
3. VMode = VCC, Output Falling
4. VMode = GND, Output Rising
VCC = 5.0 V
TA = 25°C
8.0
10
PERCENT OVERDRIVE (%)
Figure 4. Output Propagation Delay Time
versus Percent Overdrive
Figure 5. Output Voltage versus Supply Voltage
VCC = 5.0 V
VMode = GND
TA = 25°C
1.0
3.0
2.0
0
4.0
5.0
Vin, INPUT VOLTAGE (V)
Figure 6. Mode Select Thresholds
0
2.0
4.0
6.0
8.0
VCC, SUPPLY VOLTAGE (V)
TA = -40°C
TA = -25°C
TA = -85°C
Figure 7. Mode Select Input Current
versus Input Voltage
1.0
3.0
2.0
0
4.0
5.0
VCC = 5.0 V
TA = 25°C
VMode, MODE SELECT INPUT VOLTAGE (V)
2.0
1.0
6.0
5.0
0
4.0
3.0
2.0
1.0
6.0
5.0
0
4.0
3.0
3600
3000
2400
1800
1200
600
500
400
300
200
100
0
8.0
6.0
4.0
2.0
0
40
35
30
25
20
15
10
5.0
0
Undervoltage Detector
Programmed to trip at 4.5 V
R1 = 1.8 k, R2 = 4.7 k
RL = 10 k to VCC
Refer to Figure 17


Similar Part No. - MC33161

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33161 ONSEMI-MC33161 Datasheet
364Kb / 16P
   Universal Voltage Monitors
April, 2000 ??Rev. 2
MC33161 ONSEMI-MC33161 Datasheet
216Kb / 18P
   Universal Voltage Monitors
June, 2006 ??Rev. 9
MC33161 ONSEMI-MC33161 Datasheet
216Kb / 2P
   Low cap. diode array for 2 Line High Speed USB protection devic
Rev.1, Nov-2006
MC33161 ONSEMI-MC33161 Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
MC33161 ONSEMI-MC33161 Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
More results

Similar Description - MC33161

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34161 ONSEMI-MC34161 Datasheet
364Kb / 16P
   Universal Voltage Monitors
April, 2000 ??Rev. 2
MC34161 ONSEMI-MC34161_15 Datasheet
190Kb / 18P
   Universal Voltage Monitors
November, 2015 ??Rev. 13
S10122PBIB ONSEMI-S10122PBIB Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
S1220PBID ONSEMI-S1220PBID Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
MC34161 ONSEMI-MC34161_06 Datasheet
216Kb / 18P
   Universal Voltage Monitors
June, 2006 ??Rev. 9
NCV33161DR2G ONSEMI-NCV33161DR2G Datasheet
211Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
logo
Maxim Integrated Produc...
MAX8213 MAXIM-MAX8213 Datasheet
606Kb / 16P
   Five Universal Voltage Monitors - Complete Microprocessor Voltage Monitoring
Rev 1; 7/93
MAX836 MAXIM-MAX836_08 Datasheet
106Kb / 7P
   4-Pin Micropower Voltage Monitors
19-1137; Rev 3; 5/08
MAX836 MAXIM-MAX836 Datasheet
61Kb / 6P
   4-Pin Micropower Voltage Monitors
Rev 0; 9/96
logo
Intersil Corporation
X9522 INTERSIL-X9522_06 Datasheet
375Kb / 27P
   Triple DCP, Dual Voltage Monitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com