Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT9320A Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT9320A
Description  22-Memory Tone/Pulse Dialer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9320A Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT9320A Datasheet HTML 7Page - Holtek Semiconductor Inc HT9320A Datasheet HTML 8Page - Holtek Semiconductor Inc HT9320A Datasheet HTML 9Page - Holtek Semiconductor Inc HT9320A Datasheet HTML 10Page - Holtek Semiconductor Inc HT9320A Datasheet HTML 11Page - Holtek Semiconductor Inc HT9320A Datasheet HTML 12Page - Holtek Semiconductor Inc HT9320A Datasheet HTML 13Page - Holtek Semiconductor Inc HT9320A Datasheet HTML 14Page - Holtek Semiconductor Inc HT9320A Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Unit
VDD
Conditions
THD
Tone Signal Distortion
2.5V RL=5kW¾
-30
-23
dB
TTMIN Minimum Tone Duration
¾ Auto-redial
¾
82.5
¾
ms
TITPM Minimum Inter-tone Pause ¾ Auto-redial
¾
85.5
¾
ms
THD (Distortion) (dB) = 20 log ( V1
V2
Vn / Vi
Vh
22
2
2
2
++
+
K
)
Vi, Vh: Row group and column group signals
V1, V2, ... Vn: Harmonic signals (BW=300Hz~3500Hz)
HT9320
11
July 21, 1999
Functional Description
Keyboard matrix
C1~C8 and R1~R5 form a keyboard matrix. To-
gether with a standard 5´8 keyboard, the key-
board matrix is used for dialing entries. In
addition, the keyboard matrix also provides resis-
tor options for different dialing specification se-
lections. The keyboard arrangement for the
HT9320 series are shown in the Keyboard In-
formation.
Tone frequency
Tone
Name
Output
Frequency (Hz)
% Error
Specified Actual
R2
697
699
+0.29%
R3
770
766
-0.52%
R4
852
847
-0.59%
R5
941
948
+0.74%
C1
1209
1215
+0.50%
C2
1336
1332
-0.30%
C3
1477
1472
-0.34%
Note:%Errordoesnotcontainthecrystalfrequency
drift
Dialing specification selection
Various dialing specifications can be selected by
adding resistors across keyboard matrix pins.
The allowable option resistor connections are
shown on the table.
All the resistors are 330kW. The resistor option
functions and the default specifications (with-
outoptionresistors)arelistedbelow(HT9320A/
B/C/K/L).
Option
Resistor
Option
Function
Default
(No Resistor)
RK12
(HT9320B/
C/K/L)
Ratio Selection
40:60
RK13
Flash Function
/Time Selection
Flash= control
function
Flash time=
600ms
RK14
RK21
Pause & P®T
Duration
Selection
TP= 3.6s
TP®T= 3.6s
RK31
Pulse Number
Selection
N
RK41
RK51
(HT9320A
/B/C/K)
Inter-digit-
Pause Time for
10pps
800ms
R1
R2
R3
R4
K2 1
R
C1
C2
C3
C4
C5
C6
C7
K3 1
R
K4 1
R
K5 1
R
K6 1
R
K7 1
R
K1 2
R
K1 3
R
K1 4
R


Similar Part No. - HT9320A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9320A HOLTEK-HT9320A Datasheet
369Kb / 29P
   22-Memory Tone/Pulse Dialer
More results

Similar Description - HT9320A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9320 HOLTEK-HT9320_02 Datasheet
369Kb / 29P
   22-Memory Tone/Pulse Dialer
HT93214 HOLTEK-HT93214 Datasheet
194Kb / 16P
   1-memory Tone/Pulse Dialer
logo
UMC Corporation
UM91270 UMC-UM91270 Datasheet
711Kb / 11P
   20 MEMORY TONE/PULSE DIALER
logo
Holtek Semiconductor In...
HT9214 HOLTEK-HT9214 Datasheet
1,008Kb / 25P
   15-Memory Tone/Pulse Dialer
HT9312 HOLTEK-HT9312 Datasheet
1Mb / 30P
   12-Memory Tone/Pulse Dialer
HT9315 HOLTEK-HT9315 Datasheet
309Kb / 27P
   15-Memory Tone/Pulse Dialer
logo
ARTSCHIP ELECTRONICS CO...
W91350N ARTSCHIP-W91350N Datasheet
3Mb / 15P
   13-MEMORY TONE/PULSE DIALER
logo
UMC Corporation
UM91265 UMC-UM91265 Datasheet
716Kb / 12P
   15 Memory Tone/Pulse Dialer
UM91261 UMC-UM91261 Datasheet
688Kb / 11P
   10 MEMORY TONE /PULSE DIALER
logo
Holtek Semiconductor In...
HT9302 HOLTEK-HT9302 Datasheet
284Kb / 27P
   1-Memory/2-Memory Tone/Pulse Dialer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com