Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT9320K Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT9320K
Description  22-Memory Tone/Pulse Dialer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9320K Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT9320K Datasheet HTML 5Page - Holtek Semiconductor Inc HT9320K Datasheet HTML 6Page - Holtek Semiconductor Inc HT9320K Datasheet HTML 7Page - Holtek Semiconductor Inc HT9320K Datasheet HTML 8Page - Holtek Semiconductor Inc HT9320K Datasheet HTML 9Page - Holtek Semiconductor Inc HT9320K Datasheet HTML 10Page - Holtek Semiconductor Inc HT9320K Datasheet HTML 11Page - Holtek Semiconductor Inc HT9320K Datasheet HTML 12Page - Holtek Semiconductor Inc HT9320K Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Unit
VDD
Conditions
TFP
Pause Time After Flash
¾
Control key
¾
0.2
¾
s
Digit key
¾
1
¾
s
TRP
Pause Time for One-key
Redialing
¾
One-key redialing
¾
1
¾
s
TDB
Key-in Debounce Time
¾¾
¾
20
¾
ms
TBRK
Break Time for One-key
Redialing
¾
One-key redialing
¾
1.2
¾
s
fOSC
System Frequency
¾
Crystal=3.5795MHz 3.5759 3.5795 3.5831 MHz
Pulse Mode Electrical Characteristics
fOSC=3.5795MHz, Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Unit
VDD
Conditions
IPOH
PO Output Source
Current
2.5V VOH=2V
-0.2
¾¾
mA
IPOL
PO Output Sink
Current
2.5V VOL=0.5V
0.2
0.6
¾
mA
PR
Pulse Rate
¾
MODE pin is connected to VDD
¾
10
¾
pps
MODE pin is opened
¾
20
¾
M/B
Make/Break Ratio
¾
A resistor is linked between
R2 and C1 (HT9320B/C/K/L)
¾
33:66
¾
%
M/B=VSS (HT9320A)
M/B=VDD (HT9320H)
No resistor is linked between
R2 and C1 (HT9320B/C/K/L)
¾
40:60
¾
M/B=Floating (HT9320A)
M/B=VSS (HT9320H)
TPDP
Pre-digit-pause
Time
¾
M/B ratio=40:60
¾
40 (10pps)
20 (20pps)
¾
ms
M/B ratio=33:66
¾
33 (10pps)
17 (20pps)
¾
HT9320
9
July 21, 1999


Similar Part No. - HT9320K

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9320K HOLTEK-HT9320K Datasheet
369Kb / 29P
   22-Memory Tone/Pulse Dialer
More results

Similar Description - HT9320K

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9320 HOLTEK-HT9320_02 Datasheet
369Kb / 29P
   22-Memory Tone/Pulse Dialer
HT93214 HOLTEK-HT93214 Datasheet
194Kb / 16P
   1-memory Tone/Pulse Dialer
logo
UMC Corporation
UM91270 UMC-UM91270 Datasheet
711Kb / 11P
   20 MEMORY TONE/PULSE DIALER
logo
Holtek Semiconductor In...
HT9214 HOLTEK-HT9214 Datasheet
1,008Kb / 25P
   15-Memory Tone/Pulse Dialer
HT9312 HOLTEK-HT9312 Datasheet
1Mb / 30P
   12-Memory Tone/Pulse Dialer
HT9315 HOLTEK-HT9315 Datasheet
309Kb / 27P
   15-Memory Tone/Pulse Dialer
logo
ARTSCHIP ELECTRONICS CO...
W91350N ARTSCHIP-W91350N Datasheet
3Mb / 15P
   13-MEMORY TONE/PULSE DIALER
logo
UMC Corporation
UM91265 UMC-UM91265 Datasheet
716Kb / 12P
   15 Memory Tone/Pulse Dialer
UM91261 UMC-UM91261 Datasheet
688Kb / 11P
   10 MEMORY TONE /PULSE DIALER
logo
Holtek Semiconductor In...
HT9302 HOLTEK-HT9302 Datasheet
284Kb / 27P
   1-Memory/2-Memory Tone/Pulse Dialer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com