Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTG2150 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HTG2150
Description  8-Bit 320 Pixel LCD Microcontroller
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HTG2150 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HTG2150 Datasheet HTML 6Page - Holtek Semiconductor Inc HTG2150 Datasheet HTML 7Page - Holtek Semiconductor Inc HTG2150 Datasheet HTML 8Page - Holtek Semiconductor Inc HTG2150 Datasheet HTML 9Page - Holtek Semiconductor Inc HTG2150 Datasheet HTML 10Page - Holtek Semiconductor Inc HTG2150 Datasheet HTML 11Page - Holtek Semiconductor Inc HTG2150 Datasheet HTML 12Page - Holtek Semiconductor Inc HTG2150 Datasheet HTML 13Page - Holtek Semiconductor Inc HTG2150 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
HTG2150
10
July 24, 2000
Preliminary
grammer to use the structure more easily. In a
similar case, if the stack is full and a CALL is
subsequently executed, stack overflow occurs and
the first entry will be lost (only the most recent
eight return address are stored).
Data memory - RAM
· Bank 0 (BP4~BP0=00000)
The Bank 0 data memory includes special
purpose and general purpose memory. The
special purpose memory is addressed from
00H to 2FH, while general purpose memory is
addressed from 40H to FFH. All data memory
areas can handle arithmetic, logic, increment,
decrement and rotate operations directly. Ex-
cept for some dedicated bits, each bit in the
data memory can be set and reset by the SET
[m].i and CLR [m].i instructions, respectively.
They are also indirectly accessible through the
memory pointer registers (MP0;01H, MP1;03H).
· Bank 15 (BP4~BP0=01111B)
The range of RAM starts from 80H to A7H.
On the LCD, every bit stands for one dot. If
the bit is ²1², the light of the dot on the LCD
will be turned on. If the bit is ²0², then it will
be turned off. Only MP1 can deal with the
memory of this range.
The contrast form of RAM location, COM-
MON, and SEGMENT is as follows.
Indirect addressing register
Location 00H and 02H are indirect addressing
registers that are not physically implemented.
Any read/write operation of [00H] and [02H] ac-
cess data memory are pointed to by MP0 (01H)
and MP1 (03H) respectively. Reading location
00H or 02H indirectly will return the result 00H.
Writing indirectly results in no operation.
The function of data movement between two indi-
rect addressing registers, is not supported. The
memory pointer registers, MP0 and MP1, are
8-bit registers which can be used to access the
data memory by combining corresponding indi-
rect addressing registers but Bank 15 can use
MP1 only.
Accumulator
The accumulator is closely related to ALU oper-
ations. It is also mapped to location 05H of the
data memory and it can carry out immediate
data operations. The data movement between
two data memories has to pass through the ac-
cumulator.
3F H
FFH
TM R 2
TM R 2 C
IN T C H
TB H P
TM R 3
TM R 3 C
PW M C
PW M
CO M R
X' T A L C
40H
1D H
1E H
1F H
20H
21H
22H
23H
24H
25H
26H
27H
28H
29H
2A H
2B H
2C H
2D H
2E H
2F H
30H
LC D C
LC D C ont r o l R egi s t er
C o m m on P ad A ddr es s R o t a t o r
R ead a s " 00"
P B b i t 3 / 2 / 1 / 0 R ead= 0
: U n u s e d
80H
A7 H
B ank 15 D a t a M em or y
( 40 B y t e )
G ene r a l P u r pos e
B ank 0 D at a M e m o r y
( 192 B y t e )
00H
01H
02H
03H
04H
05H
06H
07H
08H
09H
0A H
0B H
0C H
0D H
0E H
0F H
10H
11H
12H
13H
14H
15H
16H
17H
18H
19H
1A H
1B H
1C H
IA R 0
MP 0
IA R 1
MP 1
BP
AC C
PC L
TB L P
TB L H
WD T S
ST AT U S
IN T C
TM R 0 H
TM R 0 L
TM R 0 C
PA
PA C
PB
PB C
P A I / O D at a R egi s t er
P A I / O C ont r o l R egi s t e r
P B I / O D at a R egi s t er
P B I / O C ont r o l R egi s t e r
I ndi r e c t A ddr es s i ng R egi s t er 0
M e m o r y P oi nt er 0
I ndi r e c t A ddr es s i ng R egi s t er 1
M e m o r y P oi nt er 1
B ank P oi nt er
A ccu m u l a t o r
P r ogr am C ount er Low er - b y t e R egi s t er
T a bl e P o i n t e r Low er - o r d er B y t e R e gi s t er
T a bl e H i gher - o r der B y t e R egi s t er
W a t c hd og T i m e r O pt i on S e t t i n g R egi s t er
S t at us R eg i s t e r
I n t e r r upt C on t r ol R eg i s t e r
T i m e r C o unt er 0 H i gher - o r der B y t e R egi s t er
T i m e r C o unt er 0 L o w er - o r der B y t e R egi s t e r
T i m e r C o unt er 0 C ont r o l R egi s t e r
S pe c ia l P u r po s e
D a t a M em or y
I n t e r r upt C on t r ol H i ghe r - or der B y t e R egi s t e r
T a bl e P o i n t e r H i gh er - o r d e r B y t e R e g i s t er
T i m e r 2 R egi s t er
T i m e r 2 C ont r o l R egi s t er
T i m e r 3 R egi s t er
T i m e r 3 C ont r o l R egi s t er
X ' t a l F a st O sci l l a t o r u p C o n t r o l
P W M C ont r o l
PW M D a t a
RAM mapping


Similar Part No. - HTG2150

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HTG2150 HOLTEK-HTG2150 Datasheet
318Kb / 38P
   8-Bit 320 Pixel Dot Matrix LCD MCU Series
HTG2150 HOLTEK-HTG2150_02 Datasheet
318Kb / 38P
   8-Bit 320 Pixel Dot Matrix LCD MCU Series
More results

Similar Description - HTG2150

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HTG2190 HOLTEK-HTG2190 Datasheet
417Kb / 64P
   8-Bit 1024 Pixel LCD Microcontroller
HTG2150 HOLTEK-HTG2150_02 Datasheet
318Kb / 38P
   8-Bit 320 Pixel Dot Matrix LCD MCU Series
logo
Finechips
MC96F6432 FINECHIPS-MC96F6432 Datasheet
86Kb / 1P
   8-bit Microcontroller with LCD Driver
logo
Integral Corp.
IZ7008 INTEGRAL-IZ7008 Datasheet
445Kb / 16P
   8-BIT MICROCONTROLLER WITH LCD DRIVER
logo
Finechips
MC96P6608 FINECHIPS-MC96P6608 Datasheet
84Kb / 1P
   8-bit Microcontroller with LCD Driver
MC96F6832 FINECHIPS-MC96F6832 Datasheet
85Kb / 1P
   8-bit Microcontroller with LCD Driver
MC96F7816 FINECHIPS-MC96F7816 Datasheet
86Kb / 1P
   8-bit Microcontroller with LCD Driver
logo
Holtek Semiconductor In...
HTG2190 HOLTEK-HTG2190_02 Datasheet
395Kb / 50P
   8-Bit 1024 Pixel Dot Matrix LCD MCU Series
logo
Megawin Technology Co.,...
MLC610A MEGAWIN-MLC610A Datasheet
25Kb / 2P
   8-bit micro-controller with 320 dots LCD driver
logo
Microchip Technology
PIC16C9XX MICROCHIP-PIC16C9XX Datasheet
1Mb / 189P
   8-Bit CMOS Microcontroller with LCD Driver
1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com