Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-15530 Datasheet(PDF) 10 Page - Holt Integrated Circuits

Part # HI-15530
Description  Manchester Encoder / Decoder
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-15530 Datasheet(HTML) 10 Page - Holt Integrated Circuits

Back Button HI-15530 Datasheet HTML 3Page - Holt Integrated Circuits HI-15530 Datasheet HTML 4Page - Holt Integrated Circuits HI-15530 Datasheet HTML 5Page - Holt Integrated Circuits HI-15530 Datasheet HTML 6Page - Holt Integrated Circuits HI-15530 Datasheet HTML 7Page - Holt Integrated Circuits HI-15530 Datasheet HTML 8Page - Holt Integrated Circuits HI-15530 Datasheet HTML 9Page - Holt Integrated Circuits HI-15530 Datasheet HTML 10Page - Holt Integrated Circuits HI-15530 Datasheet HTML 11Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Package Type:
1.220 MAX
(30.988 MAX)
.225 MAX
(5.715 MAX)
.100 BSC
(2.540 BSC)
.018 TYP
(.457 TYP)
.050 TYP
(1.270 TYP)
.085
± .009
(2.159
± .229)
.125 MIN
(3.175 MIN)
.610
± .010
(15.494
± .254)
.600
± .010
(15.240
± .254)
.595
± .010
(15.113
± .254)
.010
+ .002/−.001
(.254
+ .051/−.025)
24-PIN CERAMIC SIDE-BRAZED DIP
24C
HOLT INTEGRATED CIRCUITS
10
HI-15530
.307 ± .016
(7.80± .40)
.209 ± .012
(5.30± .30)
0° to 8°
.005 ± .001
(.13± .08)
TYP
TYP
SEE DETAILA
Package Type:
.323 ± .012
(8.20± .30)
.026
(.65)
.030 ± .008
(.75± .20)
.095 ± .005
(2.413± .127)
TYP
.012
(.30)
TYP
SEE DETAILA
DETAILA
Package Type:
24-PIN PLASTIC SSOP
24HS
.006
(.15)
TYP


Similar Part No. - HI-15530

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-15530 HOLTIC-HI-15530 Datasheet
266Kb / 12P
   5V / 3.3V Manchester Encoder / Decoder
HI-15530PSI HOLTIC-HI-15530PSI Datasheet
266Kb / 12P
   5V / 3.3V Manchester Encoder / Decoder
HI-15530PSIF HOLTIC-HI-15530PSIF Datasheet
266Kb / 12P
   5V / 3.3V Manchester Encoder / Decoder
HI-15530PSM HOLTIC-HI-15530PSM Datasheet
266Kb / 12P
   5V / 3.3V Manchester Encoder / Decoder
HI-15530PSMF HOLTIC-HI-15530PSMF Datasheet
266Kb / 12P
   5V / 3.3V Manchester Encoder / Decoder
More results

Similar Description - HI-15530

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD-6409 RENESAS-HD-6409 Datasheet
687Kb / 15P
   CMOS Manchester Encoder-Decoder
logo
Intersil Corporation
HD-15530 INTERSIL-HD-15530_02 Datasheet
281Kb / 13P
   CMOS Manchester Encoder-Decoder
HD-6409883 INTERSIL-HD-6409883 Datasheet
135Kb / 7P
   CMOS Manchester Encoder-Decoder
HD-15530 INTERSIL-HD-15530 Datasheet
169Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
HD1-15530-9 INTERSIL-HD1-15530-9 Datasheet
276Kb / 13P
   CMOS Manchester Encoder-Decoder
March 1997
HD-6409 INTERSIL-HD-6409_05 Datasheet
277Kb / 12P
   CMOS Manchester Encoder-Decoder
logo
Diodes Incorporated
3D7503 DIODES-3D7503 Datasheet
316Kb / 5P
   MONOLITHIC MANCHESTER ENCODER/DECODER
logo
Intersil Corporation
HD-15531 INTERSIL-HD-15531 Datasheet
115Kb / 8P
   CMOS Manchester Encoder-Decoder
March 1997
logo
Data Delay Devices, Inc...
3D7503D-20 DATADELAY-3D7503D-20 Datasheet
47Kb / 5P
   MONOLITHIC MANCHESTER ENCODER/DECODER
3D7523 DATADELAY-3D7523 Datasheet
292Kb / 5P
   MONOLITHIC MANCHESTER ENCODER/DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com