Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-15530CDT Datasheet(PDF) 11 Page - Holt Integrated Circuits

Part # HI-15530CDT
Description  Manchester Encoder / Decoder
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-15530CDT Datasheet(HTML) 11 Page - Holt Integrated Circuits

Back Button HI-15530CDT Datasheet HTML 3Page - Holt Integrated Circuits HI-15530CDT Datasheet HTML 4Page - Holt Integrated Circuits HI-15530CDT Datasheet HTML 5Page - Holt Integrated Circuits HI-15530CDT Datasheet HTML 6Page - Holt Integrated Circuits HI-15530CDT Datasheet HTML 7Page - Holt Integrated Circuits HI-15530CDT Datasheet HTML 8Page - Holt Integrated Circuits HI-15530CDT Datasheet HTML 9Page - Holt Integrated Circuits HI-15530CDT Datasheet HTML 10Page - Holt Integrated Circuits HI-15530CDT Datasheet HTML 11Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
HOLT INTEGRATED CIRCUITS
11
HI-15530
Package Type:
.451
± .009
(11.455
± .229)
SQ.
.080
± .020
(2.032
± .508)
.040x 45° 3PLS
(1.016x 45° 3PLS)
.050
± .005
(1.270
± .127)
.025
± .003
(.635
± .076)
.050 BSC
(1.270 BSC)
.008R± .006
(.203R
± .152)
.020 INDEX
(.508 INDEX)
PIN1
28S
28-PIN CERAMIC LEADLESS CHIP CARRIER
PIN1


Similar Part No. - HI-15530CDT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-15530 HOLTIC-HI-15530 Datasheet
266Kb / 12P
   5V / 3.3V Manchester Encoder / Decoder
HI-15530PSI HOLTIC-HI-15530PSI Datasheet
266Kb / 12P
   5V / 3.3V Manchester Encoder / Decoder
HI-15530PSIF HOLTIC-HI-15530PSIF Datasheet
266Kb / 12P
   5V / 3.3V Manchester Encoder / Decoder
HI-15530PSM HOLTIC-HI-15530PSM Datasheet
266Kb / 12P
   5V / 3.3V Manchester Encoder / Decoder
HI-15530PSMF HOLTIC-HI-15530PSMF Datasheet
266Kb / 12P
   5V / 3.3V Manchester Encoder / Decoder
More results

Similar Description - HI-15530CDT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD-6409 RENESAS-HD-6409 Datasheet
687Kb / 15P
   CMOS Manchester Encoder-Decoder
logo
Intersil Corporation
HD-15530 INTERSIL-HD-15530_02 Datasheet
281Kb / 13P
   CMOS Manchester Encoder-Decoder
HD-6409883 INTERSIL-HD-6409883 Datasheet
135Kb / 7P
   CMOS Manchester Encoder-Decoder
HD-15530 INTERSIL-HD-15530 Datasheet
169Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
HD1-15530-9 INTERSIL-HD1-15530-9 Datasheet
276Kb / 13P
   CMOS Manchester Encoder-Decoder
March 1997
HD-6409 INTERSIL-HD-6409_05 Datasheet
277Kb / 12P
   CMOS Manchester Encoder-Decoder
logo
Diodes Incorporated
3D7503 DIODES-3D7503 Datasheet
316Kb / 5P
   MONOLITHIC MANCHESTER ENCODER/DECODER
logo
Intersil Corporation
HD-15531 INTERSIL-HD-15531 Datasheet
115Kb / 8P
   CMOS Manchester Encoder-Decoder
March 1997
logo
Data Delay Devices, Inc...
3D7503D-20 DATADELAY-3D7503D-20 Datasheet
47Kb / 5P
   MONOLITHIC MANCHESTER ENCODER/DECODER
3D7523 DATADELAY-3D7523 Datasheet
292Kb / 5P
   MONOLITHIC MANCHESTER ENCODER/DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com