Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-3282PQI Datasheet(PDF) 2 Page - Holt Integrated Circuits

Part # HI-3282PQI
Description  ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3282PQI Datasheet(HTML) 2 Page - Holt Integrated Circuits

  HI-3282PQI Datasheet HTML 1Page - Holt Integrated Circuits HI-3282PQI Datasheet HTML 2Page - Holt Integrated Circuits HI-3282PQI Datasheet HTML 3Page - Holt Integrated Circuits HI-3282PQI Datasheet HTML 4Page - Holt Integrated Circuits HI-3282PQI Datasheet HTML 5Page - Holt Integrated Circuits HI-3282PQI Datasheet HTML 6Page - Holt Integrated Circuits HI-3282PQI Datasheet HTML 7Page - Holt Integrated Circuits HI-3282PQI Datasheet HTML 8Page - Holt Integrated Circuits HI-3282PQI Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SYMBOL
FUNCTION
DESCRIPTION
VCC
POWER
+5V ±5%
429DI1 (A)
INPUT
ARINC receiver1 positive input
429DI1 (B)
INPUT
ARINC receiver1 negative input
429DI2 (A)
INPUT
ARINC receiver2 positive input
429DI2 (B)
INPUT
ARINC receiver2 negative input
OUTPUT
Receiver1 data ready flag
OUTPUT
Receiver2 data ready flag
SEL
INPUT
Receiver data byte selection (0= BYTE 1) (1= BYTE 2)
INPUT
Data Bus control, enables receiver1 data to outputs
INPUT
Data Bus control, enables receiver2 data to outputs if
is high
BD15
I/O
Data Bus
BD14
I/O
Data Bus
BD13
I/O
Data Bus
BD12
I/O
Data Bus
BD11
I/O
Data Bus
BD10
I/O
Data Bus
BD09
I/O
Data Bus
BD08
I/O
Data Bus
BD07
I/O
Data Bus
BD06
I/O
Data Bus
GND
POWER
0 V
BD05
I/O
Data Bus
BD04
I/O
Data Bus
BD03
I/O
Data Bus
BD02
I/O
Data Bus
BD01
I/O
Data Bus
BD00
I/O
Data Bus
INPUT
Latch enable for byte1 entered from data bus to transmitter FIFO.
INPUT
Latch enable for byte2 entered from data bus to transmitter FIFO. Must follow
TX/R
OUTPUT
Transmitter ready flag. Goes low when ARINC word loaded into FIFO. Goes high
after transmission and FIFO empty.
429DO
OUTPUT
"ONES" data output from transmitter.
OUTPUT
"ZEROES" data output from transmitter.
ENTX
INPUT
Enable Transmission
INPUT
Clock for control word register
CLK
INPUT
Master Clock input
TX CLK
OUTPUT
Transmitter Clock equal to Master Clock (CLK), divided by either 10 or 80.
INPUT
Master Reset, active low
INPUT
Data bit control Enable. (Active low, with internal pull up to VDD).
D/R1
D/R2
EN1
EN2
EN1
PL1
PL2
PL1.
429DO
CWSTR
MR
DBCEN
PIN DESCRIPTION
HI-3282
HOLT INTEGRATED CIRCUITS
2


Similar Part No. - HI-3282PQI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3282PQI HOLTIC-HI-3282PQI Datasheet
146Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282PQI-10 HOLTIC-HI-3282PQI-10 Datasheet
146Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282PQIF HOLTIC-HI-3282PQIF Datasheet
146Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282PQIF-10 HOLTIC-HI-3282PQIF-10 Datasheet
146Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
More results

Similar Description - HI-3282PQI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8282A HOLTIC-HI-8282A Datasheet
688Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_13 Datasheet
160Kb / 15P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-3282 HOLTIC-HI-3282_06 Datasheet
146Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282 Datasheet
448Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282_06 Datasheet
187Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_06 Datasheet
214Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282_13 Datasheet
122Kb / 14P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-8584 HOLTIC-HI-8584 Datasheet
294Kb / 14P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-8584 HOLTIC-HI-8584_13 Datasheet
232Kb / 15P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-3584 HOLTIC-HI-3584_13 Datasheet
127Kb / 17P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com