Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39525-0003 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 39525-0003
Description  5.00mm Pitch Eurostyle Vertical PCB Header
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

39525-0003 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  39525-0003 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/14/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
39525-0003
Status:
Active
Overview:
Eurostyle™ Terminal Blocks
Description:
5.00mm Pitch Eurostyle™ Vertical PCB Header, with Threaded Retention Inserts, 3
Circuits
Documents:
3D Model
Product Specification PS-39500-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Terminal Blocks
Series
39525
Application
N/A
Component Type
PCB Header
Overview
Eurostyle™ Terminal Blocks
Product Name
ESE, Eurostyle™Pluggable
Type
Euro Block
UPC
822350483476
Physical
Circuits (Loaded)
3
Entry Angle
N/A
Lock to Mating Part
Yes
Number of Rows
1
Orientation
Vertical
PC Tail Length
3.90mm
PCB Thickness - Recommended
3.20mm
Panel Mount
No
Pitch - Mating Interface
5.00mm
Pitch - Termination Interface
5.00mm
Polarized to Mating Part
Yes
Shrouded
Closed Ends
Stackable
No
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
-40°C to +105°C
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
15A
Voltage - Maximum
300V
Material Info
Reference - Drawing Numbers
Product Specification
PS-39500-001
Sales Drawing
SD-39525-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39525Series
Mates With
Most 5.00mm Pitch Industry Standard
Plugs, 39524 Horizontal Plug with Retention
Screws, 39527 Vertical Plug with Retention
Screws
This document was generated on 10/14/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 39525-0003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39525-0002 MOLEX11-39525-0002 Datasheet
41Kb / 1P
   5.00mm Pitch Eurostyle Vertical PCB Header
39525-0004 MOLEX11-39525-0004 Datasheet
41Kb / 1P
   5.00mm Pitch Eurostyle Vertical PCB Header
39525-0005 MOLEX11-39525-0005 Datasheet
41Kb / 1P
   5.00mm Pitch Eurostyle Vertical PCB Header
39525-0006 MOLEX11-39525-0006 Datasheet
41Kb / 1P
   5.00mm Pitch Eurostyle Vertical PCB Header
39525-0007 MOLEX11-39525-0007 Datasheet
41Kb / 1P
   5.00mm Pitch Eurostyle Vertical PCB Header
More results

Similar Description - 39525-0003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39521-0005 MOLEX11-39521-0005 Datasheet
41Kb / 1P
   5.00mm Pitch Eurostyle Vertical PCB Header
39521-0008 MOLEX11-39521-0008 Datasheet
41Kb / 1P
   5.00mm Pitch Eurostyle Vertical PCB Header
39521-0015 MOLEX11-39521-0015 Datasheet
41Kb / 1P
   5.00mm Pitch Eurostyle Vertical PCB Header
39521-0021 MOLEX11-39521-0021 Datasheet
41Kb / 1P
   5.00mm Pitch Eurostyle Vertical PCB Header
39521-1009 MOLEX11-39521-1009 Datasheet
41Kb / 1P
   5.00mm Pitch Eurostyle Vertical PCB Header.
39522-1019 MOLEX11-39522-1019 Datasheet
41Kb / 1P
   5.00mm Pitch Eurostyle Vertical PCB Header
39522-1022 MOLEX11-39522-1022 Datasheet
41Kb / 1P
   5.00mm Pitch Eurostyle Vertical PCB Header
39522-1023 MOLEX11-39522-1023 Datasheet
41Kb / 1P
   5.00mm Pitch Eurostyle Vertical PCB Header
39525-0002 MOLEX11-39525-0002 Datasheet
41Kb / 1P
   5.00mm Pitch Eurostyle Vertical PCB Header
39525-0006 MOLEX11-39525-0006 Datasheet
41Kb / 1P
   5.00mm Pitch Eurostyle Vertical PCB Header
39525-0012 MOLEX11-39525-0012 Datasheet
41Kb / 1P
   5.00mm Pitch Eurostyle Vertical PCB Header
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com