Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-15530CLI Datasheet(PDF) 6 Page - Holt Integrated Circuits

Part # HI-15530CLI
Description  Manchester Encoder / Decoder
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-15530CLI Datasheet(HTML) 6 Page - Holt Integrated Circuits

Back Button HI-15530CLI Datasheet HTML 2Page - Holt Integrated Circuits HI-15530CLI Datasheet HTML 3Page - Holt Integrated Circuits HI-15530CLI Datasheet HTML 4Page - Holt Integrated Circuits HI-15530CLI Datasheet HTML 5Page - Holt Integrated Circuits HI-15530CLI Datasheet HTML 6Page - Holt Integrated Circuits HI-15530CLI Datasheet HTML 7Page - Holt Integrated Circuits HI-15530CLI Datasheet HTML 8Page - Holt Integrated Circuits HI-15530CLI Datasheet HTML 9Page - Holt Integrated Circuits HI-15530CLI Datasheet HTML 10Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
HI-15530
HOLT INTEGRATED CIRCUITS
6
BIPOLAR ZERO IN
t D2
BIPOLAR ONE IN
BIT PERIOD
BIT PERIOD
BIT PERIOD
t D1
t D1
t D3
t D3
BIPOLAR ZERO IN
t D2
BIPOLAR ONE IN
t D1
t D1
t D3
t D3
t D2
BIPOLAR ZERO IN
BIPOLAR ONE IN
t D1
t D3
t D3
t D1
t D4
t D3
t D1
t D3
t D5
t D5
t D4
t D1
t D3
UNIPOLAR IN
UNIPOLAR IN
UNIPOLAR IN
t D2
t D4
t D4
t D2
t D2
t D2
t D5
t D4
t D5
t D2
COMMAND SYNC
DATA SYNC
ZERO
ONE
ONE
ZERO
ONE
ONE
COMMAND SYNC
DATA SYNC
0
1
2
3
4
5
6
7
8
9
10
12
11
13
14
15
16
17
18
19
Bit Period
Command Word
Data Word
Status Word
R/T
SUBADDRESS
/ MODE
DATA WORD
COUNT
P
P
P
DATA WORD
TERMINAL ADDRESS
ME
CODE FOR FAILURE MODES
TERMINAL ADDRESS
SYNC
SYNC
SYNC
SYNC
SYNC
SYNC
TF


Similar Part No. - HI-15530CLI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-15530 HOLTIC-HI-15530 Datasheet
266Kb / 12P
   5V / 3.3V Manchester Encoder / Decoder
HI-15530PSI HOLTIC-HI-15530PSI Datasheet
266Kb / 12P
   5V / 3.3V Manchester Encoder / Decoder
HI-15530PSIF HOLTIC-HI-15530PSIF Datasheet
266Kb / 12P
   5V / 3.3V Manchester Encoder / Decoder
HI-15530PSM HOLTIC-HI-15530PSM Datasheet
266Kb / 12P
   5V / 3.3V Manchester Encoder / Decoder
HI-15530PSMF HOLTIC-HI-15530PSMF Datasheet
266Kb / 12P
   5V / 3.3V Manchester Encoder / Decoder
More results

Similar Description - HI-15530CLI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD-6409 RENESAS-HD-6409 Datasheet
687Kb / 15P
   CMOS Manchester Encoder-Decoder
logo
Intersil Corporation
HD-15530 INTERSIL-HD-15530_02 Datasheet
281Kb / 13P
   CMOS Manchester Encoder-Decoder
HD-6409883 INTERSIL-HD-6409883 Datasheet
135Kb / 7P
   CMOS Manchester Encoder-Decoder
HD-15530 INTERSIL-HD-15530 Datasheet
169Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
HD1-15530-9 INTERSIL-HD1-15530-9 Datasheet
276Kb / 13P
   CMOS Manchester Encoder-Decoder
March 1997
HD-6409 INTERSIL-HD-6409_05 Datasheet
277Kb / 12P
   CMOS Manchester Encoder-Decoder
logo
Diodes Incorporated
3D7503 DIODES-3D7503 Datasheet
316Kb / 5P
   MONOLITHIC MANCHESTER ENCODER/DECODER
logo
Intersil Corporation
HD-15531 INTERSIL-HD-15531 Datasheet
115Kb / 8P
   CMOS Manchester Encoder-Decoder
March 1997
logo
Data Delay Devices, Inc...
3D7503D-20 DATADELAY-3D7503D-20 Datasheet
47Kb / 5P
   MONOLITHIC MANCHESTER ENCODER/DECODER
3D7523 DATADELAY-3D7523 Datasheet
292Kb / 5P
   MONOLITHIC MANCHESTER ENCODER/DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com