Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APE8805 Datasheet(PDF) 9 Page - Advanced Power Electronics Corp.

Part # APE8805
Description  Low Dropout Voltage of 600mV at 600mA
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE8805 Datasheet(HTML) 9 Page - Advanced Power Electronics Corp.

Back Button APE8805_14 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE8805_14 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE8805_14 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE8805_14 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE8805_14 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE8805_14 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE8805_14 Datasheet HTML 8Page - Advanced Power Electronics Corp. APE8805_14 Datasheet HTML 9Page - Advanced Power Electronics Corp. APE8805_14 Datasheet HTML 10Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Package Outline & Packing : SOT-89
Millimeters
SYMBOLS
MIN
NOM
MAX
4.40
-
4.60
4.05
-
4.25
1.40
-
1.75
2.40
-
2.60
0.89
-
1.20
0.35
-
0.55
----
1.50
----
----
3.00
----
1.40
-
1.60
0.35
-
0.43
1.All Dimensions Are in Millimeters.
2.Dimension Does Not Include Mold Protrusions.
Part Marking Information : SOT-89
K
F
I
H
G
J
A
B
C
E
ADVANCED POWER ELECTRONICS CORP.
XXXG
D
I
E
B
C
1
2
3
H
G
A
J
K
88XX&
Part Number :
YWWS
Date Code (YWWS)
Y : Year
WW:Week
S:Sequence
F
APE8805G : 8805
APE8805GR : 885R
Output Voltage : ADJ : Blank
9
A : 1.5V
C : 2.5V
E : 3.0V
P : 2.0V
B : 1.8V
D : 2.8V
F : 3.3V


Similar Part No. - APE8805_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805_16 Datasheet
204Kb / 8P
   600mA LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - APE8805_14

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2906 ADMOS-AMS2906_05 Datasheet
67Kb / 8P
   600mA LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM1117A ETC1-CM1117A Datasheet
200Kb / 9P
   600mA LOW DROPOUT VOLTAGE REGULATOR
logo
Champion Microelectroni...
CM1117A CHAMP-CM1117A Datasheet
225Kb / 9P
   600mA LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS2906 ADMOS-AMS2906 Datasheet
70Kb / 8P
   600mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202_07 Datasheet
1Mb / 12P
   600mA Low Dropout Voltage Regulator
logo
Advanced Power Electron...
APE8800 A-POWER-APE8800_14 Datasheet
126Kb / 8P
   Low Dropout Voltage of 250mV at 300mA
APE8800A A-POWER-APE8800A_14 Datasheet
158Kb / 7P
   Low Dropout Voltage of 250mV at 300mA
logo
Semtech Corporation
SC1202 SEMTECH-SC1202_08 Datasheet
148Kb / 6P
   600mA Low Dropout Positive Voltage Regulator
logo
Shenzhen Huazhimei Semi...
HM8805 HMSEMI-HM8805 Datasheet
556Kb / 6P
   600mA LOW DROPOUT CMOS VOLTAGE REGULATORS
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
143Kb / 5P
   600mA Low Dropout NPN Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com