Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-1568PSI Datasheet(PDF) 2 Page - Holt Integrated Circuits

Part # HI-1568PSI
Description  5V MONOLITHIC DUAL TRANSCEIVERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-1568PSI Datasheet(HTML) 2 Page - Holt Integrated Circuits

  HI-1568PSI Datasheet HTML 1Page - Holt Integrated Circuits HI-1568PSI Datasheet HTML 2Page - Holt Integrated Circuits HI-1568PSI Datasheet HTML 3Page - Holt Integrated Circuits HI-1568PSI Datasheet HTML 4Page - Holt Integrated Circuits HI-1568PSI Datasheet HTML 5Page - Holt Integrated Circuits HI-1568PSI Datasheet HTML 6Page - Holt Integrated Circuits HI-1568PSI Datasheet HTML 7Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HI-1567, HI-1568
PIN DESCRIPTIONS
FUNCTIONAL DESCRIPTION
PIN
SYMBOL
FUNCTION
DESCRIPTION
1
VDDA
power supply
+5 volt power for channel A
2
BUSA
analog output
MIL-STD-1533 bus driver A, positive signal
3
analog output
MIL-STD-1553 bus driver A, negative signal
4
RXENA
digital input
ReceiverA enable. If low, forces RXA and
low (HI-1567) or High (HI-1568)
5
GNDA
power supply
Ground for channel A
6
VDDB
7
BUSB
9
RXENB
10
GNDB
11
12
RXB
digital output
ReceiverB outpot, non-invertedl
13
TXINHB
digital input
Transmit inhibit, channel B. If high BUSB,
disabled
14
TXB
digital input
TransmitterB digital data input, non-inverted
15
digital input
TransmitterB digital data input, inverted
16
digital output
BUSA
RXA
BUSB
TXB
RXA
power supply
+5 volt power for channel B
analog output
MIL-STD-1533 bus driver B, positive signal
8
analog output
MIL-STD-1553 bus driver B, negative signal
digital input
ReceiverB enable. If low, forces RXB and
low (HI-1567) or High (HI-1568)
power supply
Ground for channel B
digital output
ReceiverB output, inverted
ReceiverA output, inverted
17
RXA
digital output
ReceiverA output, non-inverted
18
TXINHA
digital input
Transmit inhibit, channel A. If high BUSA,
disabled
19
TXA
digital input
TransmitterA digital data input, non-inverted
15
digital input
TransmitterA digital data input, inverted
BUSB
RXB
RXB
BUSA
TXA
The HI-1567 family of data bus transceivers contain differ-
ential voltage source drivers and differential receivers.
They are intended for applications usinga MIL-STD-1553
A/B data bus. The device producesa trapezoidal output
waveform during transmission.
Data input to the transmitter section of these devices is
from the complimentary CMOS /TTL inputs TXA/B and
. This producesa nominal 30V peak to peak signal
acrossa 140 ohm load. The transmitter is connected to the
bus viaa 1:2.5 transformer whose secondary is connected
to two 52 ohm isolation resisters which feed the terminated
70 ohm bus. This will producea nominal voltage on the bus
of 7.5 volts peak to peak.
TRANSMITTER
TXA/B
The transmitter is automatically inhibited and placed in the
high impedance state when both TXA/B and
are ei-
ther ata logic “1” or logic “0” simultaneously.A logic “1:” ap-
plied to the TXINHA/B input will force the transmitter to the
high impedance state, regardless of the state of TXA/B and
The receiver outputs can both be forced toa logic "0"
(HI-1567) or logic “1” (HI-1568) by setting RXENA or
RXENB low.
TXA/B
TXA/B
RECEIVER
The receiver is transformer coupled to the bus bya 1:1
transformer. Its differential input stage drivesa filter and
threshold comparator. CMOS/TTL data is outputted at the
RXA/B and
pins.
RXA/B
HOLT INTEGRATED CIRCUITS
2


Similar Part No. - HI-1568PSI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1568PSI HOLTIC-HI-1568PSI Datasheet
106Kb / 9P
   5V MONOLITHIC DUAL TRANSCEIVERS
HI-1568PSI HOLTIC-HI-1568PSI Datasheet
157Kb / 9P
   5V Monolithic Dual Transceivers
HI-1568PSI HOLTIC-HI-1568PSI Datasheet
85Kb / 10P
   5V Monolithic Dual Transceivers
HI-1568PSIF HOLTIC-HI-1568PSIF Datasheet
157Kb / 9P
   5V Monolithic Dual Transceivers
HI-1568PSIF HOLTIC-HI-1568PSIF Datasheet
85Kb / 10P
   5V Monolithic Dual Transceivers
More results

Similar Description - HI-1568PSI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1567 HOLTIC-HI-1567_16 Datasheet
83Kb / 11P
   5V Monolithic Dual Transceivers
HI-1565 HOLTIC-HI-1565_09 Datasheet
97Kb / 10P
   5V Monolithic Dual Transceivers
HI-1565 HOLTIC-HI-1565 Datasheet
159Kb / 9P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567_03 Datasheet
106Kb / 9P
   5V MONOLITHIC DUAL TRANSCEIVERS
HI-1567 HOLTIC-HI-1567_09 Datasheet
85Kb / 10P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567_06 Datasheet
157Kb / 9P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567_13 Datasheet
83Kb / 10P
   MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
HI-1565 HOLTIC-HI-1565_13 Datasheet
88Kb / 10P
   MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
HI-1579 HOLTIC-HI-1579_16 Datasheet
84Kb / 11P
   3.3V Monolithic Dual Transceivers
HI-1579A HOLTIC-HI-1579A Datasheet
69Kb / 9P
   3.3V Monolithic Dual Transceivers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com