Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8020S-61 Datasheet(PDF) 3 Page - Holt Integrated Circuits

Part # HI-8020S-61
Description  CMOS HIGH VOLTAGE DISPLAY DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8020S-61 Datasheet(HTML) 3 Page - Holt Integrated Circuits

  HI-8020S-61 Datasheet HTML 1Page - Holt Integrated Circuits HI-8020S-61 Datasheet HTML 2Page - Holt Integrated Circuits HI-8020S-61 Datasheet HTML 3Page - Holt Integrated Circuits HI-8020S-61 Datasheet HTML 4Page - Holt Integrated Circuits HI-8020S-61 Datasheet HTML 5Page - Holt Integrated Circuits HI-8020S-61 Datasheet HTML 6Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HI-8020/HI-8120 Series
NOTE: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only.
Functional operation of the device at these or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Voltages referenced to VSS= 0V
VDD........................
VEE................
Supply Voltage
VDD-35V to 0V
0V to 7V
Voltage at any input, except LCDØ..-0.3 to VDD+0.3V
Voltage at LCDØ input...............VDD-35 to VDD+0.3V
DC Current any input pin...................................10 mA
Power Dissipation......................................................300 mW
Operating Temperature Range- Hi-Temp/Mil..-55° to +125°C
Storage Temperature Range...........................-65° to +150°C
Operating Temperature Range- Industrial........-40° to +85°C
HOLT INTEGRATED CIRCUITS
3-11
DC ELECTRICAL CHARACTERISTICS
VDD= 5V, VEE= -25V, VSS= 0V, TA= Operating Temperature Range (unless otherwise specified).
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
Operating Voltage
VDD
3.0
7.0
V
Supply Current
IDD
Static, No Load
200
µA
IEE
Static, No Load f
=100Hz
150
µA
Input Low Voltage, HI-8020 (except LCDØ)
VIL
0
0.8
V
Input High Voltage, HI-8020 (except LCDØ)
VIH
2
VDD
V
Input Low Voltage, HI-8120 (except LCD )
VIL
0
0.3 VDD
V
Input High Voltage, HI-8120 (except LCD
Input Low Voltage (LCDØ)
VILX
VEE
3
V
Input High Voltage (LCDØ)
VIHX
3.5
VDD
V
Input Current
IIN
VIN=0 to 5V
1
µA
Input Capacitance (not tested)
CI
5
pF
Segment Output Impedance
RSEG
IL= 10µA
10,000
Backplane Output Impedance
RBP
IL= 10µA
450
Data Out Current:
IDOH
Source Current, VOH= 4.5V
-0.6
mA
IDOL
Sink Current, VOL= 0.5V
0.6
mA
BP
TTL
TTL
CMOS
W
W
Ø
Ø)
VIH
0.7 VDD
VDD
V
CMOS
PARAMETER
SYMBOL
VDD
MIN
TYP
MAX
UNITS
CL
Clock Period
t
5V
1200
ns
Clock Pulse Width
t
5V
520
ns
Data In- Setup
t
5V
50
ns
Data In- Hold
t
5V
400
ns
Chip Select- Setup to Clock
t
5V
200
ns
Chip Select- Hold to Clock
t
5V
450
ns
Load- Setup to Clock
t
5V
500
ns
Chip Select- Setup to Load
t
5V
300
ns
Load Pulse Width
t
5V
500
ns
Chip Select- Hold to Load
t
5V
300
ns
CW
DS
DH
CSS
CSH
LS
CSL
LW
LCS
Data Out Valid, from Clock
t
5V
800
ns
CDO
AC ELECTRICAL CHARACTERISTICS
VDD= 5V, VEE= -25V, VSS= 0V, TA= Operating Temperature Range (unless otherwise specified).


Similar Part No. - HI-8020S-61

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8020S-61 HOLTIC-HI-8020S-61 Datasheet
222Kb / 7P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
More results

Similar Description - HI-8020S-61

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8050 HOLTIC-HI-8050 Datasheet
247Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8045 HOLTIC-HI-8045_11 Datasheet
77Kb / 6P
   CMOS High Voltage Display Driver
HI-8050 HOLTIC-HI-8050_03 Datasheet
95Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8010 HOLTIC-HI-8010_06 Datasheet
110Kb / 9P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8045 HOLTIC-HI-8045 Datasheet
73Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8040 HOLTIC-HI-8040_07 Datasheet
90Kb / 6P
   CMOS High Voltage Display Driver
HI-8010 HOLTIC-HI-8010 Datasheet
380Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8045 HOLTIC-HI-8045_07 Datasheet
83Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8040 HOLTIC-HI-8040_05 Datasheet
78Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8020 HOLTIC-HI-8020_06 Datasheet
222Kb / 7P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com