Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8010J-85 Datasheet(PDF) 7 Page - Holt Integrated Circuits

Part # HI-8010J-85
Description  CMOS HIGH VOLTAGE DISPLAY DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8010J-85 Datasheet(HTML) 7 Page - Holt Integrated Circuits

  HI-8010J-85 Datasheet HTML 1Page - Holt Integrated Circuits HI-8010J-85 Datasheet HTML 2Page - Holt Integrated Circuits HI-8010J-85 Datasheet HTML 3Page - Holt Integrated Circuits HI-8010J-85 Datasheet HTML 4Page - Holt Integrated Circuits HI-8010J-85 Datasheet HTML 5Page - Holt Integrated Circuits HI-8010J-85 Datasheet HTML 6Page - Holt Integrated Circuits HI-8010J-85 Datasheet HTML 7Page - Holt Integrated Circuits HI-8010J-85 Datasheet HTML 8Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Package Type:
PIN NO. 1 IDENT
.045x 45°
.050
± .005
(1.27
± .127)
.045x 45°
PIN NO. 1
44-PIN PLASTIC PLCC
SEE DETAIL
A
.172
± .008
(4.369
± .203)
DETAIL A
.020 MIN
(.508
ΜΙΝ)
.025
.045
R
.690
± .005
(17.526
± .127)
SQ.
.610
± .020
(15.494
± .508)
.031
± .005
(.787
± .127)
.653
± .004
(16.586
± .102)
SQ.
.017
± .004
(.432
± .102)
.015± .002
(.381
± .051)
.009
.011
44J
HI-8010/HI-8110 PACKAGE DIMENSIONS
inches (millimeters)
Package Type:
.008
(0.20)
Min.
0
°≤Θ ≤ 7°
ETAIL
D
A
See Detail A
.088
± .032
(1.6
± .175)
Typ.
.394
± .004
(10.00
± .10)
SQ.
.079
± .002
(2.00
± .05)
.092
± .004
(2.32
± .12)
.009R typ
(0.23 R typ)
.012
± .003
(.30
± .08)
.0256 BSC
(0.65 BSC)
.009
± .003R
(.225
± .075R)
.035
± .006
(.88
± .15)
.520
± .010
(13.2
± .25)
SQ.
52PQS
52-PIN PLASTIC QUAD FLAT PACK
HOLT INTEGRATED CIRCUITS
1


Similar Part No. - HI-8010J-85

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8010J-85 HOLTIC-HI-8010J-85 Datasheet
110Kb / 9P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
More results

Similar Description - HI-8010J-85

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8050 HOLTIC-HI-8050 Datasheet
247Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8045 HOLTIC-HI-8045_11 Datasheet
77Kb / 6P
   CMOS High Voltage Display Driver
HI-8050 HOLTIC-HI-8050_03 Datasheet
95Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8010 HOLTIC-HI-8010_06 Datasheet
110Kb / 9P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8045 HOLTIC-HI-8045 Datasheet
73Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8040 HOLTIC-HI-8040_07 Datasheet
90Kb / 6P
   CMOS High Voltage Display Driver
HI-8045 HOLTIC-HI-8045_07 Datasheet
83Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8040 HOLTIC-HI-8040_05 Datasheet
78Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8020 HOLTIC-HI-8020_06 Datasheet
222Kb / 7P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8020 HOLTIC-HI-8020 Datasheet
271Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com