Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8010J-85 Datasheet(PDF) 4 Page - Holt Integrated Circuits

Part # HI-8010J-85
Description  CMOS HIGH VOLTAGE DISPLAY DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8010J-85 Datasheet(HTML) 4 Page - Holt Integrated Circuits

  HI-8010J-85 Datasheet HTML 1Page - Holt Integrated Circuits HI-8010J-85 Datasheet HTML 2Page - Holt Integrated Circuits HI-8010J-85 Datasheet HTML 3Page - Holt Integrated Circuits HI-8010J-85 Datasheet HTML 4Page - Holt Integrated Circuits HI-8010J-85 Datasheet HTML 5Page - Holt Integrated Circuits HI-8010J-85 Datasheet HTML 6Page - Holt Integrated Circuits HI-8010J-85 Datasheet HTML 7Page - Holt Integrated Circuits HI-8010J-85 Datasheet HTML 8Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CASCADING- EXT. OSCILLATOR
HI-8010/HI-8110 Series
CASCADING- RC OSCILLATOR
ADDITIONAL HI-8010/HI-8110 PIN CONFIGURATIONS
(See page 3-3 for 52-Pin Plastic QFP)
DIN
HI-8010J-85
CS
LCDØ
CL
LD
DOUT
BP
SEGMENTS
1- 32
DIN
HI-8010J-85
CS
LCDØ
CL
LD
DOUT
BP
SEGMENTS
33- 64
DIN
HI-8010J-85
CS
LCDØ
CL
LD
DOUT
BP
SEGMENTS
65- 96
BACK
PLANE
LD
CL
CS
DIN
HI-8110PQI
CS
LCDØ
CL
LD
DOUT
BP
SEGMENTS
1- 38
LCDØ OPT
DIN
HI-8110PQI
CS
LCDØ
CL
LD
DOUT
BP
SEGMENTS
39- 76
LCDØ OPT
DIN
HI-8110PQI
CS
LCDØ
CL
LD
DOUT
BP
SEGMENTS
77- 114
LCDØ OPT
BACK
PLANE
470pf
150K
W
LD
CL
CS
Figure 2
Figure 3
39
38
37
36
35
34
33
32
31
30
29
S17
S16
S15
S14
S13
S12
S11
S10
S9
S8
VEE
S27
S28
S29
S30
S31
S32
N/C
V
LD
SS
CS
CL
7
8
9
10
11
12
13
14
15
16
17
HI-8010J-85
&
HI-8110J-85
44- PIN
PLASTIC
PLCC
HI-8010SM-36
&
HI-8110SM-36
40- PIN
CERAMIC
LCC
S25
S24
S23
S22
S21
S20
DOUT 30
BP
S19
S18
6
7
8
9
10
11
12
13
14
15
35
34
33
32
31
30
29
28
27
26
LCDØOPT
V
S1
S2
S3
S4
S5
S6
S7
S8
DD
HI-8010SM-32
&
HI-8110SM-32
48- PIN
CERAMIC
LCC
S28
S27
S26
S25
S24
S23
S22
S21
S20
DOUT 38
BP
S19
LCDØ
LCDØOPT
V
S37
S38
S1
S2
S3
S4
S5
S6
S7
DD
7
8
9
10
11
12
13
14
15
16
17
18
42
41
40
39
38
37
36
35
34
33
32
HOLT INTEGRATED CIRCUITS
3-6


Similar Part No. - HI-8010J-85

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8010J-85 HOLTIC-HI-8010J-85 Datasheet
110Kb / 9P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
More results

Similar Description - HI-8010J-85

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8050 HOLTIC-HI-8050 Datasheet
247Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8045 HOLTIC-HI-8045_11 Datasheet
77Kb / 6P
   CMOS High Voltage Display Driver
HI-8050 HOLTIC-HI-8050_03 Datasheet
95Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8010 HOLTIC-HI-8010_06 Datasheet
110Kb / 9P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8045 HOLTIC-HI-8045 Datasheet
73Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8040 HOLTIC-HI-8040_07 Datasheet
90Kb / 6P
   CMOS High Voltage Display Driver
HI-8045 HOLTIC-HI-8045_07 Datasheet
83Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8040 HOLTIC-HI-8040_05 Datasheet
78Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8020 HOLTIC-HI-8020_06 Datasheet
222Kb / 7P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8020 HOLTIC-HI-8020 Datasheet
271Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com