Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1000B-5001F Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # 1000B-5001F
Description  10/100/1000BASE-T SINGLE DUAL-PORT TRANSFORMER MODULES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

1000B-5001F Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  1000B-5001F Datasheet HTML 1Page - Pulse A Technitrol Company 1000B-5001F Datasheet HTML 2Page - Pulse A Technitrol Company 1000B-5001F Datasheet HTML 3Page - Pulse A Technitrol Company 1000B-5001F Datasheet HTML 4Page - Pulse A Technitrol Company 1000B-5001F Datasheet HTML 5Page - Pulse A Technitrol Company 1000B-5001F Datasheet HTML 6Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
M106.F (10/13)
1
pulseelectronics.com
10/100/1000BASE-T SINGLE &
DUAL-PORT TRANSFORMER MODULES
Military / Aerospace Grade
Note: 1. Add suffix NL for RoHS compliant part; i.e. 1000B-5001F becomes 1000B-5001FNL. 2. For Tape and Reel Packaging, add “T” suffix at the end of the part number; i.e. 1000B-5001FXT.
1000B-5001F/X
Weight . . . . . . . . . . . . . . 3 .0 grams
Tape and Reel . . . . . . . . . 300/reel
Tube . . . . . . . . . . . . . . . . . .25/tube
1000B-5001F/X
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
Electrical Specifications @ 25°C
Part
Number2
Insertion
Loss
(dB Min)
Return Loss
(dB Max)
Crosstalk
(dB Max)
CM to CM
Rejection Ratio
(dB Max)
DM to CM
Rejection Ratio
(dB Max)
0.1-100
Mhz
30
Mhz
60
Mhz
80
Mhz
100
Mhz
30
Mhz
60
Mhz
100
Mhz
30
Mhz
60
Mhz
100
Mhz
30
Mhz
60
Mhz
100
Mhz
1000B-5001F
-1.20
-18
-12
-10
-10
-43
-37
-33
-40
-35
-30
-43
-37
-33
1000B-5001FX
-1.40
-18
-12
-10
-8
-43
-37
-33
-40
-35
-30
-43
-37
-33
1000B-5002F
-1.20
-18
-14
-12
-10
-43
-37
-33
-40
-35
-30
-43
-37
-33
1000B-5002FX
-1.20
-18
-14
-12
-10
-43
-37
-33
-40
-35
-30
-43
-37
-33
1000B-5003F
-1.20
-18
-14
-11
-9
-43
-37
-33
-40
-35
-30
-43
-37
-33
1000B-5003FX
-1.20
-18
-14
-11
-9
-43
-37
-33
-40
-35
-30
-43
-37
-33
Mechanical
Compliant with IEEE 802.ab for 1000Base-T
350µH OCL with 8mA bias at extended temperatures
Operating and storage temperature:
1000B-5001F/5002F/5003F: -40ºC to +85ºC
1000B-5001FX/5002FX/5003FX: -55ºC to +125ºC
IC grade transfer-molded package withstands 235°C peak
temperature profile RoHS version withstands 245°C
MSL: 3


Similar Part No. - 1000B-5001F

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
1000B-5001F PULSE-1000B-5001F Datasheet
1Mb / 6P
   10/100/1000BASE-T SINGLE DUAL-PORT TRANSFORMER MODULES
1000B-5001F PULSE-1000B-5001F Datasheet
1Mb / 6P
   10/100/1000BASE-T SINGLE DUAL-PORT TRANSFORMER MODULES
1000B-5001F PULSE-1000B-5001F Datasheet
1Mb / 6P
   10/100/1000BASE-T SINGLE DUAL-PORT TRANSFORMER MODULES
1000B-5001F PULSE-1000B-5001F Datasheet
1Mb / 6P
   10/100/1000BASE-T SINGLE DUAL-PORT TRANSFORMER MODULES
1000B-5001FNL PULSE-1000B-5001FNL Datasheet
1Mb / 6P
   10/100/1000BASE-T SINGLE DUAL-PORT TRANSFORMER MODULES
More results

Similar Description - 1000B-5001F

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
1000B-5001FX PULSE-1000B-5001FX Datasheet
1Mb / 6P
   10/100/1000BASE-T SINGLE DUAL-PORT TRANSFORMER MODULES
1000B-5001FNL PULSE-1000B-5001FNL Datasheet
1Mb / 6P
   10/100/1000BASE-T SINGLE DUAL-PORT TRANSFORMER MODULES
1000B-5009F PULSE-1000B-5009F Datasheet
1Mb / 7P
   10/100/1000BASE-T SINGLE & DUAL-PORT TRANSFORMER MODULES
1000B-5001FT PULSE-1000B-5001FT Datasheet
1Mb / 6P
   10/100/1000BASE-T SINGLE DUAL-PORT TRANSFORMER MODULES
1000B-5001 PULSE-1000B-5001 Datasheet
579Kb / 6P
   10/100/1000BASE-T SINGLE & DUAL-PORT TRANSFORMER MODULES
1000B-5001T PULSE-1000B-5001T Datasheet
1Mb / 6P
   10/100/1000BASE-T SINGLE DUAL-PORT TRANSFORMER MODULES
logo
Dongguan Xinkang Electr...
QT50A03 TNK-QT50A03 Datasheet
110Kb / 1P
   10/100/1000Base-T DUAL Port Transformer Module
QT24A01 TNK-QT24A01 Datasheet
105Kb / 1P
   10/100/1000Base-T Single Port Transformer Module
logo
List of Unclassifed Man...
NS692417 ETC-NS692417 Datasheet
205Kb / 2P
   10/100/1000Base-T Single Port Transformer Module
logo
Dongguan Xinkang Electr...
QT24A12 TNK-QT24A12 Datasheet
60Kb / 1P
   10/100/1000Base-T Single Port Transformer Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com