Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8282ACDI Datasheet(PDF) 9 Page - Holt Integrated Circuits

Part # HI-8282ACDI
Description  ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8282ACDI Datasheet(HTML) 9 Page - Holt Integrated Circuits

Back Button HI-8282ACDI Datasheet HTML 5Page - Holt Integrated Circuits HI-8282ACDI Datasheet HTML 6Page - Holt Integrated Circuits HI-8282ACDI Datasheet HTML 7Page - Holt Integrated Circuits HI-8282ACDI Datasheet HTML 8Page - Holt Integrated Circuits HI-8282ACDI Datasheet HTML 9Page - Holt Integrated Circuits HI-8282ACDI Datasheet HTML 10Page - Holt Integrated Circuits HI-8282ACDI Datasheet HTML 11Page - Holt Integrated Circuits HI-8282ACDI Datasheet HTML 12Page - Holt Integrated Circuits HI-8282ACDI Datasheet HTML 13Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
LIMITS
PARAMETER
SYMBOL
UNITS
MIN
TYP
MAX
CONTROL WORD TIMING
RECEIVER TIMING
FIFO TIMING
TRANSMISSION TIMING
REPEATER OPERATION TIMING
Master Reset Pulse Width
ARINC Data Rate and Bit Timing
Pulse Width -
t
130
ns
Setup- DATA BUS Valid to
HIGH
t
130
ns
Hold -
HIGH to DATA BUS Hi-Z
t
0
ns
Delay- Start ARINC 32nd Bit to
LOW: High Speed
t
16
µs
Low Speed
t
128
µs
Delay -
LOW to
L0W
t
0
ns
Delay -
LOW to
HIGH
t
200
ns
Setup- SEL to
L0W
t
20
ns
Hold- SEL to
HIGH
t
20
ns
Delay -
L0W to DATA BUS Valid
t
200
ns
Delay -
HIGH to DATA BUS Hi-Z
t
30
ns
Pulse Width -
or
t
200
ns
Spacing -
HIGH to next
L0W
t
50
ns
Pulse Width -
or
t
200
ns
Setup- DATA BUS Valid to
HIGH
t
110
ns
Hold -
HIGH to DATA BUS Hi-Z
t
0
ns
Spacing -
or
t
0
ns
Delay -
HIGH to TX/R LOW
t
840
ns
Spacing -
HIGH to ENTX HIGH
t
0
µs
Delay- ENTX HIGH to 429DO or
: High Speed
t
25
µs
Delay- ENTX HIGH to 429DO or
: Low Speed
t
200
µs
Delay- 32nd ARINC Bit to TX/R HIGH
t
400
ns
Spacing- TX/R HIGH to ENTX L0W
t
0
ns
Delay -
LOW to
LOW
t
0
ns
Hold -
HIGH to
HIGH
t
0
ns
Delay- TX/R LOW to ENTX HIGH
t
0
ns
t
200
ns
± 1%
CWSTR
CWSTR
CWSTR
D/R
D/R
EN
EN
D/R
EN
EN
EN
EN
EN1
EN2
EN
EN
PL1
PL2
PL
PL
PL1
PL2
PL2
PL2
429D0
429D0
EN
PL
PL
EN
CWSTR
CWSET
CWHLD
D/R
D/R
D/REN
END/R
SELEN
ENSEL
ENDATA
DATAEN
EN
ENEN
PL
DWSET
DWHLD
PL12
TX/R
PL2EN
ENDAT
ENDAT
DTX/R
ENTX/R
ENPL
PLEN
TX/REN
MR
HI-8282A
HOLT INTEGRATED CIRCUITS
9
Vcc= 5V, GND= 0V, TA= Operating Temperature Range and fclk= 1MHz 0.1% with 60/40 duty cycle
+


Similar Part No. - HI-8282ACDI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8282ACDI HOLTIC-HI-8282ACDI Datasheet
214Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282ACDI HOLTIC-HI-8282ACDI Datasheet
160Kb / 15P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-8282ACDI-10 HOLTIC-HI-8282ACDI-10 Datasheet
214Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282ACDI-10 HOLTIC-HI-8282ACDI-10 Datasheet
160Kb / 15P
   ARINC 429 Serial Transmitter and Dual Receiver
More results

Similar Description - HI-8282ACDI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8282A HOLTIC-HI-8282A_13 Datasheet
160Kb / 15P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-3282 HOLTIC-HI-3282_06 Datasheet
146Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282 Datasheet
612Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282 Datasheet
448Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282_06 Datasheet
187Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_06 Datasheet
214Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282_13 Datasheet
122Kb / 14P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-8584 HOLTIC-HI-8584 Datasheet
294Kb / 14P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-8584 HOLTIC-HI-8584_13 Datasheet
232Kb / 15P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-3584 HOLTIC-HI-3584_13 Datasheet
127Kb / 17P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com