Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APE8862 Datasheet(PDF) 7 Page - Advanced Power Electronics Corp.

Part # APE8862
Description  Guaranteed 600mA Output Current
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE8862 Datasheet(HTML) 7 Page - Advanced Power Electronics Corp.

  APE8862_14 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE8862_14 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE8862_14 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE8862_14 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE8862_14 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE8862_14 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE8862_14 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE8862_14 Datasheet HTML 8Page - Advanced Power Electronics Corp. APE8862_14 Datasheet HTML 9Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Package Outline & Packing : SOT-89
Millimeters
SYMBOLS
MIN
NOM
MAX
4.40
-
4.60
4.05
-
4.25
1.40
-
1.75
2.40
-
2.60
0.89
-
1.20
0.35
-
0.55
----
1.50
----
----
3.00
----
1.40
-
1.60
0.35
-
0.43
1.All Dimensions Are in Millimeters.
2.Dimension Does Not Include Mold Protrusions.
Part Marking Information : SOT-89
J
A
B
C
E
ADVANCED POWER ELECTRONICS CORP.
K
F
I
H
G
D
I
E
B
C
1
2
3
H
G
A
J
K
886X&
Part Number :
YWWS
Date Code (YWWS)
Y : Year
WW:Week
S:Sequence
F
7
8862G : 8862
8862GR : 886B
Output Voltage
A : 1.0V
D : 1.8V
H : 3.0V
B : 1.2V
F : 2.5V
I : 3.3V
C : 1.5V
G : 2.8V


Similar Part No. - APE8862_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8862 A-POWER-APE8862_16 Datasheet
113Kb / 4P
   600mA LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - APE8862_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8845 A-POWER-APE8845 Datasheet
239Kb / 7P
   Guaranteed 600mA Output Current
logo
Exar Corporation
SPX29302T5-L EXAR-SPX29302T5-L Datasheet
648Kb / 10P
   3A Guaranteed Output Current
logo
STMicroelectronics
LNBP8L STMICROELECTRONICS-LNBP8L Datasheet
423Kb / 21P
   500 mA guaranteed output current
November 2008 Rev 1
LDLN015 STMICROELECTRONICS-LDLN015 Datasheet
1Mb / 18P
   150 mA guaranteed output current
January 2015 Rev 3
LD39115J STMICROELECTRONICS-LD39115J Datasheet
429Kb / 21P
   150 mA guaranteed output current
January 2014 Rev 6
logo
Unisonic Technologies
LR18220G-XX-S08-R UTC-LR18220G-XX-S08-R Datasheet
162Kb / 4P
   Guaranteed Output Current of 2A
logo
Maxim Integrated Produc...
MAX662 MAXIM-MAX662 Datasheet
346Kb / 8P
   Guaranteed 30mA Output
1992
MAX8815AEVKIT MAXIM-MAX8815AEVKIT Datasheet
87Kb / 4P
   Guaranteed 1A Output Current at 5V from 2.5V Input
Rev 0; 7/08
logo
Richtek Technology Corp...
RT9186AGF RICHTEK-RT9186AGF Datasheet
423Kb / 13P
   2.5V to 5.5V Wide Input Range, Guaranteed 500mA Output Current
logo
Texas Instruments
LP2989IM-3.3 TI-LP2989IM-3.3 Datasheet
1Mb / 19P
[Old version datasheet]   Ultra low dropout voltage, Guaranteed 500 mA continuous output current
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com