Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2511L-2 Datasheet(PDF) 6 Page - NEC

Part # PS2511L-2
Description  HIGH ISOLATION VOLTAGE STANDARD MULTI PHOTOCOUPLER SERIES SINGLE TRANSISTOR TYPE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2511L-2 Datasheet(HTML) 6 Page - NEC

Back Button PS2511L-2 Datasheet HTML 2Page - NEC PS2511L-2 Datasheet HTML 3Page - NEC PS2511L-2 Datasheet HTML 4Page - NEC PS2511L-2 Datasheet HTML 5Page - NEC PS2511L-2 Datasheet HTML 6Page - NEC PS2511L-2 Datasheet HTML 7Page - NEC PS2511L-2 Datasheet HTML 8Page - NEC PS2511L-2 Datasheet HTML 9Page - NEC PS2511L-2 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
PS2511-1,-2,-4, PS2511L-1,-2,-4
TYPICAL CHARACTERISTICS (TA = 25
°°°°C, unless otherwise specified)
75
50
25
025
50
75
100
125
150
0.7 mW/˚C
0.55 mW/˚C
PS2511-1
PS2511L-1
PS2511-2
PS2511L-2
PS2511-4
PS2511L-4
150
100
50
25
50
75
100
125
150
0
1.5 mW/˚C
1.2 mW/˚C
PS2511-1
PS2511L-1
PS2511-2
PS2511L-2
PS2511-4
PS2511L-4
610
8
4
2
0
50
40
30
20
10
–50
–25
0
25
50
75
100
0.01
0.1
1
10
100
1 000
10 000
2 mA
IF = 1 mA
5 mA
10 mA
20 mA
50 mA
Ambient Temperature TA (˚C)
DIODE POWER DISSIPATION vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
Forward Voltage VF (V)
TRANSISTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
FORWARD CURRENT vs.
FORWARD VOLTAGE
Ambient Temperature TA (˚C)
COLLECTOR TO EMITTER DARK
CURRENT vs. AMBIENT TEMPERATURE
Collector Saturation Voltage VCE(sat) (V)
COLLECTOR CURRENT vs.
COLLECTOR SATURATION VOLTAGE
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1.0
.0
100
10
1
0.1
0.01
0.0
0.5
1.0
1.5
2.0
0 ˚C
–25 ˚C
–50 ˚C
+60 ˚C
+25 ˚C
TA = +100 ˚C
10 mA
50
mA
20
mA
5 mA
IF = 1 mA
VCE = 80 V
40 V
25 V
10 V
5 V


Similar Part No. - PS2511L-2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2511L-2 RENESAS-PS2511L-2 Datasheet
249Kb / 14P
   PHOTOCOUPLER
1997
More results

Similar Description - PS2511L-2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2501-1 RENESAS-PS2501-1 Datasheet
258Kb / 15P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2561L-1 CEL-PS2561L-1 Datasheet
496Kb / 21P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2501-1 CEL-PS2501-1_13 Datasheet
243Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2561A-1 CEL-PS2561A-1_13 Datasheet
950Kb / 15P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2561-1 RENESAS-PS2561-1_15 Datasheet
311Kb / 21P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
celduc-relais
PS2501-1-L-A CELDUC-PS2501-1-L-A Datasheet
243Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
List of Unclassifed Man...
PS2501L-1-L ETC2-PS2501L-1-L Datasheet
243Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2501A-1 ETC1-PS2501A-1 Datasheet
371Kb / 12P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2501A-1 CEL-PS2501A-1 Datasheet
233Kb / 12P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2501-1 NEC-PS2501-1_1 Datasheet
126Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com