Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APE8935 Datasheet(PDF) 6 Page - Advanced Power Electronics Corp.

Part # APE8935
Description  Integrated 6A Single Channel Load Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE8935 Datasheet(HTML) 6 Page - Advanced Power Electronics Corp.

Back Button APE8935_14 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE8935_14 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE8935_14 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE8935_14 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE8935_14 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE8935_14 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE8935_14 Datasheet HTML 8Page - Advanced Power Electronics Corp. APE8935_14 Datasheet HTML 9Page - Advanced Power Electronics Corp. APE8935_14 Datasheet HTML 10Page - Advanced Power Electronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Advanced Power
Electronics Corp.
APE8935
PIN DESCRIPTIONS
PIN No.
PIN SYMBOL
PIN DESCRIPTION
1, 2
VIN
Input Power Supply
3
VBIAS
Bias Voltage
4
EN
Switch control input, active high. Do not leave floating.
5
GND
Ground
6, 7, 8
VOUT
Switch output
Exposed
pad
VIN
Input Power Supply
BLOCK DIAGRAM
Oscillator
Control
Logic
EN
VIN
VOUT
GND
Output Discharge
VBIAS
Charge Pump


Similar Part No. - APE8935_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8937 A-POWER-APE8937_14 Datasheet
1Mb / 14P
   ULTRA LOW ON RESISTANCE
APE8937 A-POWER-APE8937_16 Datasheet
1Mb / 14P
   ULTRA LOW ON RESISTANCE 6A LOAD SWITCH WITH CONTROLLED TURN ON
APE8939 A-POWER-APE8939 Datasheet
848Kb / 10P
   FAST RESPONSE, 6A LOAD SWITCH
More results

Similar Description - APE8935_14

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MSI2206 MGCHIP-MSI2206 Datasheet
1Mb / 12P
   Dual Channel 6A Load Switch
logo
Advanced Power Electron...
APE8939 A-POWER-APE8939 Datasheet
848Kb / 10P
   FAST RESPONSE, 6A LOAD SWITCH
logo
Fairchild Semiconductor
FDG6342L FAIRCHILD-FDG6342L Datasheet
1Mb / 4P
   Integrated Load Switch
FDC6331L FAIRCHILD-FDC6331L Datasheet
57Kb / 4P
   Integrated Load Switch
logo
ON Semiconductor
FDC6329L ONSEMI-FDC6329L Datasheet
427Kb / 4P
   Integrated Load Switch
October-2017, Rev. 3
logo
Fairchild Semiconductor
FDC6901L FAIRCHILD-FDC6901L Datasheet
121Kb / 5P
   Integrated Load Switch
FDC6323L FAIRCHILD-FDC6323L Datasheet
264Kb / 10P
   Integrated Load Switch
logo
ON Semiconductor
FDC6324L ONSEMI-FDC6324L Datasheet
242Kb / 7P
   Integrated Load Switch
October-2017, Rev. 4
logo
Fairchild Semiconductor
FDZ2040L FAIRCHILD-FDZ2040L Datasheet
738Kb / 11P
   Integrated Load Switch
FDG6324L FAIRCHILD-FDG6324L Datasheet
173Kb / 7P
   Integrated Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com