Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8581CJT Datasheet(PDF) 2 Page - Holt Integrated Circuits

Part # HI-8581CJT
Description  ARINC 429 LINE DRIVER AND DUAL RECEIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8581CJT Datasheet(HTML) 2 Page - Holt Integrated Circuits

  HI-8581CJT Datasheet HTML 1Page - Holt Integrated Circuits HI-8581CJT Datasheet HTML 2Page - Holt Integrated Circuits HI-8581CJT Datasheet HTML 3Page - Holt Integrated Circuits HI-8581CJT Datasheet HTML 4Page - Holt Integrated Circuits HI-8581CJT Datasheet HTML 5Page - Holt Integrated Circuits HI-8581CJT Datasheet HTML 6Page - Holt Integrated Circuits HI-8581CJT Datasheet HTML 7Page - Holt Integrated Circuits HI-8581CJT Datasheet HTML 8Page - Holt Integrated Circuits HI-8581CJT Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SIGNAL
FUNCTION
DESCRIPTION
V
POWER
+5V ±5%
BD05
I/O
Data Bus
BD04
I/O
Data Bus
BD03
I/O
Data Bus
BD02
I/O
Data Bus
TX/R
OUTPUT
Transmitter ready flag. Goes low when ARINC word loaded into FIFO. Goes high
After transmission and FIFO empty.
CC
V+
POWER
+9.5V to +12.6V
V-
POWER
-9.5V to -12.6V
429DI1 (A)
INPUT
ARINC receiver1 positive input
429DI1 (B)
INPUT
ARINC receiver1 negative input
429DI2 (A)
INPUT
ARINC receiver2 positive input
429DI2 (B)
INPUT
ARINC receiver2 negative input
OUTPUT
Receiver1 data ready flag
OUTPUT
Receiver2 data ready flag
SEL
INPUT
Receiver data byte selection (0= BYTE 1) (1= BYTE 2)
INPUT
Data Bus control, enables receiver1 data to outputs
INPUT
Data Bus control, enables receiver2 data to outputs if
is high
BD15
I/O
Data Bus
BD14
I/O
Data Bus
BD13
I/O
Data Bus
BD12
I/O
Data Bus
BD11
I/O
Data Bus
BD10
I/O
Data Bus
BD09
I/O
Data Bus
BD08
I/O
Data Bus
BD07
I/O
Data Bus
BD06
I/O
Data Bus
GND
POWER
0V
BD01
I/O
Data Bus
BD00
I/O
Data Bus
INPUT
Latch enable for byte1 entered from data bus to transmitter FIFO.
INPUT
Latch enable for byte2 entered from data bus to transmitter FIFO. Must follow.
TXA(OUT)
OUTPUT
Line driver output-A side
TXB(OUT)
OUTPUT
Line driver output-B side
ENTX
INPUT
Enable Transmission
INPUT
Clock for control word register
CLK
INPUT
Master Clock input
TX CLK
OUTPUT
Transmitter Clock equal to Master Clock (CLK), divided by either 10 or 80.
INPUT
Master Reset, active low
D/R1
D/R2
EN1
EN2
EN1
PL1
PL2
PL1
CWSTR
MR
HI-8581
HOLT INTEGRATED CIRCUITS
2


Similar Part No. - HI-8581CJT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8581CJT HOLTIC-HI-8581CJT Datasheet
142Kb / 14P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8581CJT HOLTIC-HI-8581CJT Datasheet
128Kb / 15P
   ARINC 429 Transmitter with Line Driver and Dual Receivers
HI-8581CJT-10 HOLTIC-HI-8581CJT-10 Datasheet
142Kb / 14P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8581CJT-10 HOLTIC-HI-8581CJT-10 Datasheet
128Kb / 15P
   ARINC 429 Transmitter with Line Driver and Dual Receivers
HI-8581CJTF HOLTIC-HI-8581CJTF Datasheet
142Kb / 14P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
More results

Similar Description - HI-8581CJT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8581 HOLTIC-HI-8581_06 Datasheet
142Kb / 14P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8281 HOLTIC-HI-8281_03 Datasheet
379Kb / 13P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8599 HOLTIC-HI-8599 Datasheet
118Kb / 12P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8590 HOLTIC-HI-8590 Datasheet
97Kb / 8P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8482 HOLTIC-HI-8482 Datasheet
676Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
HI-8482 HOLTIC-HI-8482_06 Datasheet
415Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
HI-8483 HOLTIC-HI-8483 Datasheet
103Kb / 11P
   ARINC 429 Dual Line Receiver
logo
List of Unclassifed Man...
RM3183 ETC1-RM3183 Datasheet
86Kb / 12P
   Dual ARINC 429 Line Receiver
logo
Device Engineering Inco...
DEI3283 DEIAZ-DEI3283 Datasheet
590Kb / 11P
   DUAL ARINC 429 LINE RECEIVER
logo
Fairchild Semiconductor
RM3283 FAIRCHILD-RM3283 Datasheet
144Kb / 10P
   Dual ARINC 429 Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com