Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APE8973 Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # APE8973
Description  3A ULTRA LOW DROPOUT LINEAR REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE8973 Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  APE8973_14 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE8973_14 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE8973_14 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE8973_14 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE8973_14 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE8973_14 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE8973_14 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE8973_14 Datasheet HTML 8Page - Advanced Power Electronics Corp. APE8973_14 Datasheet HTML 9Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Advanced Power
Electronics Corp.
APE8973
ELECTRICAL SPECIFICATIONS
(VCNTL = 5V, VIN = 1.5V, VOUT = 1.2V, TA=25°C unless otherwise specified)
Parameter
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
VCNTL POR Threshold
VCNTL
2.5
2.7
2.9
V
VCNTL POR Hysteresis
VCNTL(hys)
-
0.4
-
V
VIN POR Threshold
VIN
0.8
0.9
1
V
VIN POR Hysteresis
VIN(hys)
-
0.5
-
V
VCNTL Nominal Supply Current
ICNTL
EN= VCNTL
-
1
1.8
mA
VCNTL Shuntdown Current
ISD
EN= 0V
-
50
100
uA
Load Regulation
IOUT=0A ~ 3A
-
0.06
0.25
%
1.2V<VOUT<2.0V
-
0.23
0.3
2.0V≦VOUT<2.8V
-
0.26
0.33
2.8V≦VOUT<3.6V
-
0.5
1
VOUT Pull Low Resistance
EN=0V
-
85
-
Ω
Soft Start Time
TSS
-
24ms
VENH
Enable
1.2
-
-
VENL
Disable
-
-
0.4
EN Hysteresis
-50
-
mV
EN Pin Pull-Up Current
IEN
EN=GND
-
10
-
uA
VCNTL=3.0~6.0V
TJ= -40 ~ 125°C
-65
-
-65
-
Under-Voltage Threshold
VFB Falling
-
0.4
-
V
POK Threshold Voltage for Power OK
VPOK
VFB Rising
89%
92%
95%
VFB
POK Threshold Voltage for Power
Not OK
VPNOK
VFB Falling
78%
81%
84%
VFB
POK Low Voltage
POK sinks 5mA
-
0.25
0.4
V
POK Delay Time
TDELAY
0.8
2
4
ms
Thermal Shutdown Temp
TSD
-
160
-
Thermal Shutdown Hysteresis
-
50
-
PIN DESCRIPTIONS
PIN SYMBOL
PIN DESCRIPTION
GND
GND Pin
FB
Feedback Pin
Internal Pull High.
EN=High or Floating à Enable
EN=Low à Shutdown mode
VOUT
Output Voltage pin
POK
Power OK Output Pin
VCNTL
CNTL Pin Input Voltage
VCC
Input Voltage
EP
Connect to VIN or GND
3
Ripple Rejection
PSRR
F=120Hz, IOUT=100mA
dB
EN
°C
-A
Current Limit
ILIM
3.3
-
EN Pin Logic High Threshold
Voltage
V
Dropout Voltage
VDROP
V
Feedback Voltage
VFB
VCNTL=3.0 ~ 6.0V, IOUT=10mA
0.784
0.8
0.816
V
VIN
VCNTL
IOUT = 3A,
VCNTL=5V


Similar Part No. - APE8973_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8973 A-POWER-APE8973 Datasheet
354Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - APE8973_14

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
uPI Group Inc.
UP8801S UPI-UP8801S Datasheet
198Kb / 15P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8953 A-POWER-APE8953 Datasheet
472Kb / 8P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8963 A-POWER-APE8963_14 Datasheet
152Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ4230 HTC-TJ4230 Datasheet
211Kb / 9P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8903C A-POWER-APE8903C Datasheet
114Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
List of Unclassifed Man...
UP7706 ETC2-UP7706 Datasheet
369Kb / 12P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981 Datasheet
200Kb / 11P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
201204032
APE8903B A-POWER-APE8903B Datasheet
1Mb / 10P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
L1806 UTC-L1806 Datasheet
227Kb / 7P
   3A, ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com