Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P010655 Datasheet(PDF) 1 Page - E-SWITCH

Part # P010655
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

P010655 Datasheet(HTML) 1 Page - E-SWITCH

  P010655 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL3301PF160QJ
4:1
10/8/2009
P010655
A
BLR
1
1
CIRCUIT DIAGRAM
P.C.B. LAYOUT
NOTES:
1. ALL DIMENSIONS IN MM
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERM. NOS. FOR REFERENCE ONLY.
4. RATING: 50mA @ 12VDC
5. OPERATING FORCE: 160
` 50 gf
6. TRAVEL: 0.25 +0.2 / -0.1 mm
7. CONTACT RESISTANCE: 100 Milli-OHMS MAX. (INITIAL)
8. LIFE EXPECTANCY: 80,000 CYCLES
9. SILVER CONTACTS
10. PACKAGE: TAPE AND REEL, 650 PCS PER REEL
11.
DENOTES CRITICAL PARAMETER
12. 2002/95/EC (ROHS) COMPLIANT
1
2
4
3
1
2
4
3
1
2
4
3
3.60
[.142 in]
8.50
[.335 in]
6.00
[.236 in]
SQUARE
.40
[.016 in] MAX.
TYP.
.70
[.028 in]
4.50
[.177 in]
3.97
[.156 in]
6.60
[.260 in]
.30
[.012 in]
7.60
[.299 in]
2.00
[.079 in]
3.00
[.118 in]
6.00
[.236 in]
A
18659
Release For Production
10/8/09
BLR
3
4
3.09
[.122 in]


Similar Part No. - P010655

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
P010651 E-SWITCH-P010651 Datasheet
100Kb / 1P
   All Dimension In MM
P010653 E-SWITCH-P010653 Datasheet
48Kb / 1P
   All Dimension In MM
P010654 E-SWITCH-P010654 Datasheet
72Kb / 1P
   All Dimension In MM
P010656 E-SWITCH-P010656 Datasheet
90Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
P010658 E-SWITCH-P010658 Datasheet
72Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - P010655

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com