Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8105CRI Datasheet(PDF) 2 Page - Holt Integrated Circuits

Part # HI-8105CRI
Description  PROGRAMMABLE DIVIDER WITH OSC OR CLK
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8105CRI Datasheet(HTML) 2 Page - Holt Integrated Circuits

  HI-8105CRI Datasheet HTML 1Page - Holt Integrated Circuits HI-8105CRI Datasheet HTML 2Page - Holt Integrated Circuits HI-8105CRI Datasheet HTML 3Page - Holt Integrated Circuits HI-8105CRI Datasheet HTML 4Page - Holt Integrated Circuits HI-8105CRI Datasheet HTML 5Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HI-8105& HI-8106
FUNCTIONAL DESCRIPTION
FIGURE 1- HI-8105 Oscillator
APPLICATION INFORMATION
The HI8105 and HI-8106 are 16 stage serial counters.
Each stage'sQ is input toa1 of 16 decoder. A4 bit code at
pins4 through7 selects which stage is routed to the output
at pin 3. The counter clocks on the negative transition of
pin 8.
Figure1 shows the oscillator circuit of the HI-8105. The
charging time is controlled bya delay circuit and the
hystersis window. The window is typically 0.6V wide at
VDD=5.0V.
Figure2 shows the bonding option which omits the N
device pulldown and thereby allows the simple clock input
of the HI-8106.
delay
pin 8
clock
pin 8
clock
FIGURE 2- HI-8106 Clock Input
The HI-8105 oscillator frequency is set by selectinga re-
sistor and capacitor to apply at pin 8. Typical parameters
at room temperature are:
VDD
C
R
o
o
Co= 100pF
Co= 1nF
Ro
VDD=5V
VDD=1V
VDD=5V
VDD=1V
1K
7.80MHz
-
2.12MHz
-
3K
4.22MHz
914KHz
1.10MHz
231KHz
10K
1.46MHz
464KHz
359KHz
100KHz
100K
165KHz
64KHz
39.6KHz
12KHz
OSCILLATOR FREQUENCY DATA
ORDERING INFORMATION
PART
PACKAGE
TEMPERATURE
BURN
LEAD
NUMBER
DESCRIPTION
RANGE
FLOW
IN
FINISH
HI-8105PDI
8 PIN PLASTIC DIP
-40°C TO +85°C
I
NO
SOLDER
HI-8105PDT
8 PIN PLASTIC DIP
-55°C TO +125°C
T
NO
SOLDER
HI-8105PSI
8 PIN PLASTIC NARROW BODY SOIC
-40°C TO +85°C
I
NO
SOLDER
HI-8105PST
8 PIN PLASTIC NARROW BODY SOIC
-55°C TO +125°C
T
NO
SOLDER
HI-8105CDI
8 PIN CERAMIC SIDE BRAZED DIP
-40°C TO +85°C
I
NO
GOLD
HI-8105CDT
8 PIN CERAMIC SIDE BRAZED DIP
-55°C TO +125°C
T
NO
GOLD
HI-8105CDM
8 PIN CERAMIC SIDE BRAZED DIP
-55°C TO +125°C
M
YES
SOLDER
HI-8105CRI
8 PIN CERDIP
-40°C TO +85°C
I
NO
SOLDER
HI-8105CRT
8 PIN CERDIP
-55°C TO +125°C
T
NO
SOLDER
HI-8105CRM
8 PIN CERDIP
-55°C TO +125°C
M
YES
SOLDER
Note: The HI-8106 is available in the same options
HOLT INTEGRATED CIRCUITS
2


Similar Part No. - HI-8105CRI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8110 HOLTIC-HI-8110 Datasheet
380Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8110J-85 HOLTIC-HI-8110J-85 Datasheet
380Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8110J-85 HOLTIC-HI-8110J-85 Datasheet
110Kb / 9P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8110JF-85 HOLTIC-HI-8110JF-85 Datasheet
110Kb / 9P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8110PQI HOLTIC-HI-8110PQI Datasheet
380Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
More results

Similar Description - HI-8105CRI

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1197 NTE-NTE1197 Datasheet
19Kb / 2P
   Integrated Circuit OSC and 12-Stage Divider
logo
Toshiba Semiconductor
TC74HC7292AP TOSHIBA-TC74HC7292AP Datasheet
300Kb / 7P
   PROGRAMMABLE DIVIDER/TIMER
TC74HC7292AP TOSHIBA-TC74HC7292AP_07 Datasheet
407Kb / 10P
   Programmable Divider/Timer
logo
STMicroelectronics
M54HC292 STMICROELECTRONICS-M54HC292 Datasheet
299Kb / 14P
   PROGRAMMABLE DIVIDER/TIMER
M74HC292 STMICROELECTRONICS-M74HC292 Datasheet
469Kb / 12P
   PROGRAMMABLE DIVIDER/TIMER
M74HC294 STMICROELECTRONICS-M74HC294 Datasheet
422Kb / 11P
   PROGRAMMABLE DIVIDER/TIMER
logo
Integrated Device Techn...
8745B-21 IDT-8745B-21 Datasheet
322Kb / 19P
   Differential CLK
logo
Texas Instruments
CDCP1803 TI-CDCP1803 Datasheet
308Kb / 19P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
CDCP1803-EP TI1-CDCP1803-EP Datasheet
595Kb / 24P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
logo
Hittite Microwave Corpo...
HMC988LP3E HITTITE-HMC988LP3E Datasheet
1Mb / 22P
   PROGRAMMABLE CLOCK DIVIDER AND DELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com