Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8581PJI Datasheet(PDF) 9 Page - Holt Integrated Circuits

Part # HI-8581PJI
Description  ARINC 429 LINE DRIVER AND DUAL RECEIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8581PJI Datasheet(HTML) 9 Page - Holt Integrated Circuits

Back Button HI-8581PJI Datasheet HTML 5Page - Holt Integrated Circuits HI-8581PJI Datasheet HTML 6Page - Holt Integrated Circuits HI-8581PJI Datasheet HTML 7Page - Holt Integrated Circuits HI-8581PJI Datasheet HTML 8Page - Holt Integrated Circuits HI-8581PJI Datasheet HTML 9Page - Holt Integrated Circuits HI-8581PJI Datasheet HTML 10Page - Holt Integrated Circuits HI-8581PJI Datasheet HTML 11Page - Holt Integrated Circuits HI-8581PJI Datasheet HTML 12Page - Holt Integrated Circuits HI-8581PJI Datasheet HTML 13Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
LIMITS
PARAMETER
CONDITIONS
UNIT
SYMBOL
Differential Input Voltage:
ONE
V
Pins 4 to 5,6 to 7: Common
6.5
10.0
13.0V
ZERO
V
mode voltage less than ±4V
-13.0
-10.0
-6.5V
NULL
V
with respect to GND
-2.5
0
2.5V
Input Resistance:
Differential
R
12K
To GND
R
12
27K
To Vcc
R
12
27K
Input Current:
Input Sink
I
200
µA
Input Source
I
-450
µA
Input Capacitance:
Differential
C
Pins4 to 5,6 to 7
20
pF
(Guaranteed but not tested)
To GND
C
20
pF
To Vcc
C
20
pF
Input Voltage:
Input Voltage HI
V
2.1V
Input Voltage LO
V
0.7V
Input Current:
Input Sink
I
1.5
µA
Input Source
I
-1.5
µA
Input Voltage:
Input Voltage HI
V
3.5V
Input Voltage LO
V
0.7V
Input Current:
Input Sink
I
10
µA
Input Source
I
-20
MIN
TYP
MAX
ARINC INPUTS
BI-DIRECTIONAL INPUTS
OTHER INPUTS
IH
IL
NUL
I
G
H
IH
IL
I
G
H
IH
IL
IH
IL
IH
IL
IH
IL
Vcc= 5V ±5%,
GND= 0V, TA= Operating Temperature Range (unless otherwise specified).
V+= 10V, V-= -10V,
Power Dissipation at 25C
Plastic PLCC/PQFP
1.5 W, derate 10mW/C
Ceramic J-LEAD CERQUAD
1.0 W, derate 7mW/
DC Current Drain per pin
±10mA
Operating Temperature Range:
(Industrial)
-40°C to +85°C
(Military)
-55°C to +125°C
°
°C
Storage Temperature Range:
-65°C to +150°C
Supply Voltages Vcc
-0.3V to +7V
V+
+13.0V
V-
-13.0V
Voltage at pins ARINC inputs
-29V to +29V
Voltage at any other pin
-0.3V to Vcc +0.3V
NOTE: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. Theseare stress ratings only.
Functional operation of the device at these or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
HI-8581
HOLT INTEGRATED CIRCUITS
9


Similar Part No. - HI-8581PJI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8581PJI HOLTIC-HI-8581PJI Datasheet
142Kb / 14P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8581PJI HOLTIC-HI-8581PJI Datasheet
128Kb / 15P
   ARINC 429 Transmitter with Line Driver and Dual Receivers
HI-8581PJI-10 HOLTIC-HI-8581PJI-10 Datasheet
142Kb / 14P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8581PJI-10 HOLTIC-HI-8581PJI-10 Datasheet
128Kb / 15P
   ARINC 429 Transmitter with Line Driver and Dual Receivers
HI-8581PJIF HOLTIC-HI-8581PJIF Datasheet
142Kb / 14P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
More results

Similar Description - HI-8581PJI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8581 HOLTIC-HI-8581_06 Datasheet
142Kb / 14P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8281 HOLTIC-HI-8281_03 Datasheet
379Kb / 13P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8599 HOLTIC-HI-8599 Datasheet
118Kb / 12P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8590 HOLTIC-HI-8590 Datasheet
97Kb / 8P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8482 HOLTIC-HI-8482 Datasheet
676Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
HI-8482 HOLTIC-HI-8482_06 Datasheet
415Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
HI-8483 HOLTIC-HI-8483 Datasheet
103Kb / 11P
   ARINC 429 Dual Line Receiver
logo
List of Unclassifed Man...
RM3183 ETC1-RM3183 Datasheet
86Kb / 12P
   Dual ARINC 429 Line Receiver
logo
Device Engineering Inco...
DEI3283 DEIAZ-DEI3283 Datasheet
590Kb / 11P
   DUAL ARINC 429 LINE RECEIVER
logo
Fairchild Semiconductor
RM3283 FAIRCHILD-RM3283 Datasheet
144Kb / 10P
   Dual ARINC 429 Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com